Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC280 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC280 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC280
Download  74HC280 Download
File Size   245.09 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 9-bit odd/even parity generator/checker

74HC280 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC280 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC280
Download  74HC280 Click to download

File Size   245.09 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 9-bit odd/even parity generator/checker

74HC280 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC280 Product details

1. General description
The 74HC280; 74HCT280 is a 9-bit parity generator or checker. Both even and odd parity outputs
are available. The even parity output (PE) is HIGH when an even number of data inputs (I0 to I8)
is HIGH. The odd parity output (PO) is HIGH when an odd number of data inputs are HIGH.
Expansion to larger word sizes is accomplished by tying the even outputs (PE) of up to nine
parallel devices to the final stage data inputs. Inputs include clamp diodes. It enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Word-length easily expanded by cascading
• Generates either odd or even parity for nine data bits
• Wide supply voltage range from 2.0 to 6.0 V
• Input levels:
• For 74HC280: CMOS level
• For 74HCT280: TTL level
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HC280

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
9-bit odd/even parity generator/checker
December 1990
74HC280D PHILIPS-74HC280D Datasheet
49Kb / 7P
9-bit odd/even parity generator/checker
December 1990
74HC280N PHILIPS-74HC280N Datasheet
49Kb / 7P
9-bit odd/even parity generator/checker
December 1990
More results


Similar Description - 74HC280

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F280B PHILIPS-74F280B Datasheet
106Kb / 8P
9-bit odd/even parity generator/checker
1996 Mar 12
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
9-bit odd/even parity generator/checker
December 1990
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
9-Bit Odd/Even Parity Generator/Checker
logo
Hitachi Semiconductor
HD74HC280 HITACHI-HD74HC280 Datasheet
39Kb / 7P
9-bit Odd/Even Parity Generator/Checker
logo
National Semiconductor ...
MM74HC280 NSC-MM74HC280 Datasheet
120Kb / 4P
9-Bit Odd/Even Parity Generator/Checker
logo
Texas Instruments
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
9-Bit Odd/Even Parity Generator/Checker
CD54AC280 TI-CD54AC280_07 Datasheet
404Kb / 12P
9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
9-bit Odd / Even Parity Generator / Checker
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
9-bit Odd/Even Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280P TOSHIBA-TC74HC280P Datasheet
143Kb / 5P
9-BIT ODD/EVEN PARITY GENERATOR/CHECKER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com