Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT373 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT373 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT373
Download  74HCT373 Download
File Size   282.05 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type transparent latch; 3-state

74HCT373 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT373 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT373
Download  74HCT373 Click to download

File Size   282.05 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type transparent latch; 3-state

74HCT373 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT373 Product details

1. General description
The 74HC373; 74HCT373 is an octal D-type transparent latch with 3-state outputs. The device
features latch enable (LE) and output enable (OE) inputs. When LE is HIGH, data at the inputs
enter the latches. In this condition the latches are transparent, a latch output will change each time
its corresponding D-input changes. When LE is LOW the latches store the information that was
present at the inputs a set-up time preceding the HIGH-to-LOW transition of LE. A HIGH on OE
causes the outputs to assume a high-impedance OFF-state. Operation of the OE input does not
affect the state of the latches. Inputs include clamp diodes. This enables the use of current limiting
resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Input levels:
• For 74HC373: CMOS level
• For 74HCT373: TTL level
• 3-state non-inverting outputs for bus oriented applications
• Common 3-state output enable input
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HCT373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT373 PHILIPS-74HCT373 Datasheet
56Kb / 8P
Octal D-type transparent latch; 3-state
September 1993
logo
List of Unclassifed Man...
74HCT373 ETC1-74HCT373 Datasheet
243Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
NXP Semiconductors
74HCT373 NXP-74HCT373 Datasheet
179Kb / 26P
Octal D-type transparent latch; 3-state
Rev. 5-13 December 2011
logo
Silicon Supplies
74HCT373 SS-74HCT373 Datasheet
758Kb / 7P
High Speed CMOS TTL Input
74HCT373 SS-74HCT373 Datasheet
777Kb / 7P
High Speed CMOS TTL Input
Rev 1.0 07/02/19
More results


Similar Description - 74HCT373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
Octal D-type transparent latch 3-state
2003 Jun 25
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
Octal D-type transparent latch; 3-state
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
Octal D-type transparent latch (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com