Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3004 Datasheet (PDF) - Cirrus Logic

CS3004 Datasheet PDF - Cirrus Logic
Part # CS3004
Download  CS3004 Download
File Size   425.22 Kbytes
Page   8 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Dual Low-voltage Amplifier

CS3004 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS3004 Datasheet PDF - Cirrus Logic

Part # CS3004
Download  CS3004 Click to download

File Size   425.22 Kbytes
Page   8 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Dual Low-voltage Amplifier

CS3004 Datasheet (HTML) - Cirrus Logic


CS3004 Product details

Description
The CS3004 dual amplifier is designed for precision amplification of low-level signals. These amplifiers achieve excellent offset stability, high open loop gain, and low noise. The devices also exhibit excellent CMRR and PSRR. The common mode input range includes the supply rails. The amplifiers operate with any supply voltage from 2.7 V to 5 V (±1.35 V to ±2.50 V).

Features & Description
❐ Low Offset:
    – 10 µV Max.
❐ Low Drift:
    – 0.05 µV/°C Max.
❐ Low Noise:
    – 17 nV/√Hz
❐ Open-loop Voltage Gain:
    – 150 dB Typ.
❐ Rail-to-Rail Inputs
❐ Rail-to-Rail Output Swing
    – to within 10 mV of supply voltage
❐ 2.1 mA Supply Current
❐ Slew rate:
    – 0.25 V/µs

Applications
❐ Thermocouple/Thermopile Amplifiers
❐ Load Cell and Bridge Transducer Amplifiers
❐ Precision Instrumentation
❐ Battery-powered Systems




Similar Part No. - CS3004

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3004 CIRRUS-CS3004 Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004 Datasheet
322Kb / 10P
Precision Low-voltage Amplifier
CS3004-FNZ CIRRUS-CS3004-FNZ Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
CS3004-FS CIRRUS-CS3004-FS Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
CS3004-FSZ CIRRUS-CS3004-FSZ Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
More results


Similar Description - CS3004

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3014 CIRRUS-CS3014 Datasheet
676Kb / 8P
Dual Low-power / Low-voltage Precision Amplifier
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
CS3014 CIRRUS-CS3014_07 Datasheet
485Kb / 8P
Low-power / Low-voltage Precision Amplifier
CS3003 CIRRUS-CS3003_09 Datasheet
227Kb / 10P
Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_09 Datasheet
322Kb / 10P
Precision Low-voltage Amplifier
CS3013 CIRRUS-CS3013_09 Datasheet
316Kb / 10P
Low-power / Low-voltage Precision Amplifier
CS3014 CIRRUS-CS3014_09 Datasheet
286Kb / 10P
Low-power / Low-voltage Precision Amplifier
CS3003_0910 CIRRUS-CS3003_0910 Datasheet
409Kb / 10P
Precision Low-voltage Amplifier
CS3013_0910 CIRRUS-CS3013_0910 Datasheet
702Kb / 10P
Low-power / Low-voltage Precision Amplifier
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com