Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3004 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS3004
Description  Precision Dual Low-voltage Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3004 Datasheet(HTML) 1 Page - Cirrus Logic

  CS3004 Datasheet HTML 1Page - Cirrus Logic CS3004 Datasheet HTML 2Page - Cirrus Logic CS3004 Datasheet HTML 3Page - Cirrus Logic CS3004 Datasheet HTML 4Page - Cirrus Logic CS3004 Datasheet HTML 5Page - Cirrus Logic CS3004 Datasheet HTML 6Page - Cirrus Logic CS3004 Datasheet HTML 7Page - Cirrus Logic CS3004 Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS3004
Precision Dual Low-voltage Amplifier
Features & Description
Low Offset:
–10
µV Max.
Low Drift:
–0.05
µV/°C Max.
Low Noise:
– 17 nV/
√Hz
Open-loop Voltage Gain:
– 150 dB Typ.
Rail-to-Rail Inputs
Rail-to-Rail Output Swing
– to within 10 mV of supply voltage
2.1 mA Supply Current
Slew rate:
–0.25 V/
µs
Applications
Thermocouple/Thermopile Amplifiers
Load Cell and Bridge Transducer Amplifiers
Precision Instrumentation
Battery-powered Systems
Description
The CS3004 dual amplifier is designed for precision am-
plification of low-level signals. These amplifiers achieve
excellent offset stability, high open loop gain, and low
noise. The devices also exhibit excellent CMRR and
PSRR. The common mode input range includes the sup-
ply rails. The amplifiers operate with any supply voltage
from 2.7 V to 5 V (±1.35 V to ±2.50 V).
Pin Configurations
CS3004
Exposed
Thermal
Die Pad
V+
OUT B
-IN B
+IN B
OUT A
-IN A
+IN A
V-
8
7
6
5
1
2
3
4
– +
A
–
+
B
Out A
-In A
+In A
V-
V+
Out B
-In B
+In B
1
2
3
4
8
7
6
5
A
B
-
-
+
+
8-Lead SOIC
QFN-8
(Top View)
1
10
100
1000
0.01
0.1
1
10
Frequency (Hz)
-200
-150
-100
-50
0
50
100
150
200
0
1
23
4
5
67
89
10
Time (sec)
Noise vs. Frequency (Measured)
0.01 Hz to 10 Hz Noise Performance
AUG ‘06
DS719PP3


Similar Part No. - CS3004

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3004 CIRRUS-CS3004 Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004 Datasheet
322Kb / 10P
Precision Low-voltage Amplifier
CS3004-FNZ CIRRUS-CS3004-FNZ Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
CS3004-FS CIRRUS-CS3004-FS Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
CS3004-FSZ CIRRUS-CS3004-FSZ Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
More results

Similar Description - CS3004

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3014 CIRRUS-CS3014 Datasheet
676Kb / 8P
Dual Low-power / Low-voltage Precision Amplifier
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
CS3014 CIRRUS-CS3014_07 Datasheet
485Kb / 8P
Low-power / Low-voltage Precision Amplifier
CS3003 CIRRUS-CS3003_09 Datasheet
227Kb / 10P
Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_09 Datasheet
322Kb / 10P
Precision Low-voltage Amplifier
CS3013 CIRRUS-CS3013_09 Datasheet
316Kb / 10P
Low-power / Low-voltage Precision Amplifier
CS3014 CIRRUS-CS3014_09 Datasheet
286Kb / 10P
Low-power / Low-voltage Precision Amplifier
CS3003_0910 CIRRUS-CS3003_0910 Datasheet
409Kb / 10P
Precision Low-voltage Amplifier
CS3013_0910 CIRRUS-CS3013_0910 Datasheet
702Kb / 10P
Low-power / Low-voltage Precision Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com