Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB450M12XM3 Datasheet (PDF) - WOLFSPEED, INC.

CAB450M12XM3 Datasheet PDF - WOLFSPEED, INC.
Part # CAB450M12XM3
Download  CAB450M12XM3 Download
File Size   892.85 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module

CAB450M12XM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAB450M12XM3 Datasheet PDF - WOLFSPEED, INC.

Part # CAB450M12XM3
Download  CAB450M12XM3 Click to download

File Size   892.85 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module

CAB450M12XM3 Datasheet (HTML) - WOLFSPEED, INC.


CAB450M12XM3 Product details

Technical Features
• High Power Density Footprint
• High Junction Temperature (175 °C) Operation
• Low Inductance (6.7 nH) Design
• Implements Conduction Optimized Third
Generation SiC MOSFET Technology
• Silicon Nitride Insulator and Copper Baseplate

VDS 1200 V
IDS 450 A
System Benefits
• Terminal layout allows for direct bus bar connection without bends or bushings enabling a simple,
low inductance design.
• Isolated integrated temperature sensing enables high-level temperature protection.
• Dedicated drain Kelvin pin enables direct voltage sensing for gate driver overcurrent protection.
Applications
• Motor & Traction Drives
• Vehicle Fast Chargers
• Uninterruptable Power Supplies
• Smart-Grid / Grid-Tied Distributed Generation




Similar Part No. - CAB450M12XM3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAB450M12XM3 CREE-CAB450M12XM3 Datasheet
893Kb / 9P
1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
More results


Similar Description - CAB450M12XM3

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4810 MSK-MSK4810 Datasheet
1Mb / 5P
1200V/450A HALF BRIDGE PEM
logo
Cree, Inc
CAS100H12AM1 CREE-CAS100H12AM1 Datasheet
740Kb / 7P
1200V, 100A Silicon Carbide Half-Bridge Module
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
1200V, 100A Silicon Carbide Half-Bridge Module
logo
Cree, Inc
CAB450M12XM3 CREE-CAB450M12XM3 Datasheet
893Kb / 9P
1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
CAB400M12XM3 CREE-CAB400M12XM3 Datasheet
801Kb / 9P
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
logo
General Electric Compan...
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
logo
WOLFSPEED, INC.
CAB400M12XM3 WOLFSPEED-CAB400M12XM3 Datasheet
801Kb / 9P
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
Rev. -, 2019-10-31
CAB425M12XM3 WOLFSPEED-CAB425M12XM3 Datasheet
774Kb / 9P
1200 V, 425 A All-Silicon Carbide Switching-Optimized, Half-Bridge Module
Rev. -, 2020-01-28
EAB450M12XM3 WOLFSPEED-EAB450M12XM3 Datasheet
1Mb / 11P
Automotive Qualified 1200 V, 450 A All-Silicon Carbide Conduction-Optimized, Half-Bridge Module
Rev. A 2020-10-07
WAB400M12BM3 WOLFSPEED-WAB400M12BM3 Datasheet
1Mb / 12P
1200 V, 400 A All-Silicon Carbide THB-80 Qualified, Conduction Optimized, Half-Bridge Module
Rev. A 2020-05-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com