Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB400M12XM3 Datasheet (PDF) - WOLFSPEED, INC.

CAB400M12XM3 Datasheet PDF - WOLFSPEED, INC.
Part # CAB400M12XM3
Download  CAB400M12XM3 Download
File Size   801.0 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module

CAB400M12XM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAB400M12XM3 Datasheet PDF - WOLFSPEED, INC.

Part # CAB400M12XM3
Download  CAB400M12XM3 Click to download

File Size   801.0 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module

CAB400M12XM3 Datasheet (HTML) - WOLFSPEED, INC.


CAB400M12XM3 Product details

Technical Features
• High Power Density Footprint
• High Junction Temperature (175 °C) Operation
• Low Inductance (6.7 nH) Design
• Implements Third Generation SiC MOSFET
Technology Optimized for Low Switching Loss
• Silicon Nitride Insulator and Copper Baseplate

VDS 1200 V
IDS 400 A
System Benefits
• Terminal layout allows for direct bus bar connection without bends or bushings enabling a simple,
low inductance design.
• Isolated integrated temperature sensing enables high-level temperature protection.
• Dedicated drain Kelvin pin enables direct voltage sensing for gate driver overcurrent protection.
Applications
• Motor & Traction Drives
• Vehicle Fast Chargers
• Uninterruptable Power Supplies
• Smart-Grid / Grid-Tied Distributed Generation




Similar Part No. - CAB400M12XM3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAB400M12XM3 CREE-CAB400M12XM3 Datasheet
801Kb / 9P
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
More results


Similar Description - CAB400M12XM3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAB400M12XM3 CREE-CAB400M12XM3 Datasheet
801Kb / 9P
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
logo
WOLFSPEED, INC.
CAB425M12XM3 WOLFSPEED-CAB425M12XM3 Datasheet
774Kb / 9P
1200 V, 425 A All-Silicon Carbide Switching-Optimized, Half-Bridge Module
Rev. -, 2020-01-28
CAB530M12BM3 WOLFSPEED-CAB530M12BM3 Datasheet
1Mb / 11P
1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02
CAS120M12BM2 WOLFSPEED-CAS120M12BM2 Datasheet
968Kb / 11P
1200 V, 120 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 1, 2020-11-11
CAS175M12BM3 WOLFSPEED-CAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
CAS480M12HM3 WOLFSPEED-CAS480M12HM3 Datasheet
1Mb / 11P
1200 V, 480 A, Silicon Carbide High-Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2022-02-25
EAB450M12XM3 WOLFSPEED-EAB450M12XM3 Datasheet
1Mb / 11P
Automotive Qualified 1200 V, 450 A All-Silicon Carbide Conduction-Optimized, Half-Bridge Module
Rev. A 2020-10-07
WAB300M12BM3 WOLFSPEED-WAB300M12BM3 Datasheet
1Mb / 12P
1200 V, 300 A All-Silicon Carbide THB-80 Qualified, Switching Optimized, Half-Bridge Module
Rev. A 2020-05-20
WAB400M12BM3 WOLFSPEED-WAB400M12BM3 Datasheet
1Mb / 12P
1200 V, 400 A All-Silicon Carbide THB-80 Qualified, Conduction Optimized, Half-Bridge Module
Rev. A 2020-05-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com