Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS175M12BM3 Datasheet (PDF) - WOLFSPEED, INC.

CAS175M12BM3 Datasheet PDF - WOLFSPEED, INC.
Part # CAS175M12BM3
Download  CAS175M12BM3 Download
File Size   3383.5 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 175 A, Silicon Carbide, Half-Bridge Module

CAS175M12BM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAS175M12BM3 Datasheet PDF - WOLFSPEED, INC.

Part # CAS175M12BM3
Download  CAS175M12BM3 Click to download

File Size   3383.5 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 175 A, Silicon Carbide, Half-Bridge Module

CAS175M12BM3 Datasheet (HTML) - WOLFSPEED, INC.


CAS175M12BM3 Product details

Technical Features
• Industry Standard 62mm Footprint
• Ultra Low Loss, High-Frequency Operation
• Zero Reverse Recovery from Diodes
• Zero Turn-off Tail Current from MOSFET
• Normally-off, Fail-safe Device Operation
• Copper Baseplate and Aluminum Nitride Insulator
Applications
• Induction Heating
• Motor Drives
• Renewables
• Railway Auxiliary & Traction
• EV Fast Charging
• UPS and SMPS
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
VDS 1200 V
I
DS 175 A
System Benefits
• 62mm Form Factor Enables System Retrofit
• Increased System Efficiency, due to Low Switching
& Conduction Losses of SiC




Similar Part No. - CAS175M12BM3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CAS17C471DAGFC KEMET-CAS17C471DAGFC Datasheet
961Kb / 17P
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
11/8/2022
CAS17C471DAGGC KEMET-CAS17C471DAGGC Datasheet
961Kb / 17P
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
11/8/2022
CAS17C471DARFC KEMET-CAS17C471DARFC Datasheet
961Kb / 17P
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
11/8/2022
CAS17C471DARGC KEMET-CAS17C471DARGC Datasheet
961Kb / 17P
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
11/8/2022
CAS17C471FAGFC KEMET-CAS17C471FAGFC Datasheet
961Kb / 17P
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
11/8/2022
More results


Similar Description - CAS175M12BM3

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CAB006M12GM3 WOLFSPEED-CAB006M12GM3 Datasheet
2Mb / 12P
1200 V, 6 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, April 2023
CAB008A12GM3 WOLFSPEED-CAB008A12GM3 Datasheet
2Mb / 12P
1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB011M12FM3 WOLFSPEED-CAB011M12FM3 Datasheet
2Mb / 12P
1200 V, 11 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023
CAB530M12BM3 WOLFSPEED-CAB530M12BM3 Datasheet
1Mb / 11P
1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02
CAB760M12HM3 WOLFSPEED-CAB760M12HM3 Datasheet
1Mb / 11P
1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
Rev. 1, 2022-02-25
CAB760M12HM3R WOLFSPEED-CAB760M12HM3R Datasheet
1Mb / 11P
1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
Rev. 1, 2022-02-25
CAS350M12BM3 WOLFSPEED-CAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS530M12BM3 WOLFSPEED-CAS530M12BM3 Datasheet
3Mb / 12P
1200 V, 530 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
WAS175M12BM3 WOLFSPEED-WAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
WAS350M12BM3 WOLFSPEED-WAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com