Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB760M12HM3 Datasheet (PDF) - WOLFSPEED, INC.

CAB760M12HM3 Datasheet PDF - WOLFSPEED, INC.
Part # CAB760M12HM3
Download  CAB760M12HM3 Download
File Size   1915.3 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module

CAB760M12HM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAB760M12HM3 Datasheet PDF - WOLFSPEED, INC.

Part # CAB760M12HM3
Download  CAB760M12HM3 Click to download

File Size   1915.3 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module

CAB760M12HM3 Datasheet (HTML) - WOLFSPEED, INC.


CAB760M12HM3 Product details

Technical Features
• Low Inductance, Low Profile 62mm Footprint
• High Junction Temperature (175 °C) Operation
• Implements Switching Optimized Third
Generation SiC MOSFET Technology
• Light Weight AlSiC Baseplate
• High Reliability Silicon Nitride Insulator

VDS 1200 V
IDS 760 A
System Benefits
• Lightweight, Compact Form Factor with 62mm Compatible Baseplate Enables System Retrofit
• Increased System Efficiency, due to Low Switching & Conduction Losses of SiC
• High Reliability Material Selection
Applications
• Railway & Traction
• Solar
• EV Chargers
• Industrial Automation & Testing




Similar Part No. - CAB760M12HM3

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CAB760M12HM3R WOLFSPEED-CAB760M12HM3R Datasheet
1Mb / 11P
1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
Rev. 1, 2022-02-25
More results


Similar Description - CAB760M12HM3

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CAB530M12BM3 WOLFSPEED-CAB530M12BM3 Datasheet
1Mb / 11P
1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02
CAB760M12HM3R WOLFSPEED-CAB760M12HM3R Datasheet
1Mb / 11P
1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
Rev. 1, 2022-02-25
CAS120M12BM2 WOLFSPEED-CAS120M12BM2 Datasheet
968Kb / 11P
1200 V, 120 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 1, 2020-11-11
CAS175M12BM3 WOLFSPEED-CAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
CAS350M12BM3 WOLFSPEED-CAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS480M12HM3 WOLFSPEED-CAS480M12HM3 Datasheet
1Mb / 11P
1200 V, 480 A, Silicon Carbide High-Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2022-02-25
CAS530M12BM3 WOLFSPEED-CAS530M12BM3 Datasheet
3Mb / 12P
1200 V, 530 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
WAS175M12BM3 WOLFSPEED-WAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
WAS350M12BM3 WOLFSPEED-WAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com