Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS480M12HM3 Datasheet (PDF) - WOLFSPEED, INC.

CAS480M12HM3 Datasheet PDF - WOLFSPEED, INC.
Part # CAS480M12HM3
Download  CAS480M12HM3 Download
File Size   1927.04 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 480 A, Silicon Carbide High-Performance, Switching Optimized, Half-Bridge Module

CAS480M12HM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAS480M12HM3 Datasheet PDF - WOLFSPEED, INC.

Part # CAS480M12HM3
Download  CAS480M12HM3 Click to download

File Size   1927.04 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 480 A, Silicon Carbide High-Performance, Switching Optimized, Half-Bridge Module

CAS480M12HM3 Datasheet (HTML) - WOLFSPEED, INC.


CAS480M12HM3 Product details

Technical Features
• Low Inductance, Low Profile 62mm Footprint
• High Junction Temperature (175 °C) Operation
• Implements Switching Optimized Third
Generation SiC MOSFET Technology
• Zero Reverse Recovery from Diodes
• Light Weight AlSiC Baseplate
• High Reliability Silicon Nitride Insulator

VDS 1200 V
IDS 480 A
System Benefits
• Lightweight, Compact Form Factor with 62mm Compatible Baseplate Enables System Retrofit
• Increased System Efficiency, due to Low Switching & Conduction Losses of SiC
• High Reliability Material Selection
Applications
• Railway & Traction
• Solar
• EV Chargers
• Industrial Automation & Testing




Similar Part No. - CAS480M12HM3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CAS41BR SCHNEIDER-CAS41BR Datasheet
125Kb / 5P
Cantilever axis, Lexium CAS, model range 4, profile size 40 x 40 mm, toothed belt, roller guide
Apr 19, 2022
CAS42BB SCHNEIDER-CAS42BB Datasheet
125Kb / 5P
Cantilever axis, Lexium CAS, model range 4, profile size 60 x 60 mm, toothed belt, ball guide
Apr 19, 2022
CAS42BR SCHNEIDER-CAS42BR Datasheet
125Kb / 5P
Cantilever axis, Lexium CAS, model range 4, profile size 60 x 60 mm, toothed belt, roller guide
Apr 19, 2022
CAS43BB SCHNEIDER-CAS43BB Datasheet
125Kb / 5P
Cantilever axis, Lexium CAS, model range 4, profile size 80 x 80 mm, toothed belt, ball guide
Apr 19, 2022
CAS43BR SCHNEIDER-CAS43BR Datasheet
125Kb / 5P
Cantilever axis, Lexium CAS, model range 4, profile size 80 x 80 mm, toothed belt, roller guide
Apr 20, 2022
More results


Similar Description - CAS480M12HM3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAB400M12XM3 CREE-CAB400M12XM3 Datasheet
801Kb / 9P
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
logo
WOLFSPEED, INC.
CAB400M12XM3 WOLFSPEED-CAB400M12XM3 Datasheet
801Kb / 9P
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
Rev. -, 2019-10-31
CAB425M12XM3 WOLFSPEED-CAB425M12XM3 Datasheet
774Kb / 9P
1200 V, 425 A All-Silicon Carbide Switching-Optimized, Half-Bridge Module
Rev. -, 2020-01-28
CAB760M12HM3 WOLFSPEED-CAB760M12HM3 Datasheet
1Mb / 11P
1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
Rev. 1, 2022-02-25
CAB760M12HM3R WOLFSPEED-CAB760M12HM3R Datasheet
1Mb / 11P
1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
Rev. 1, 2022-02-25
CAS120M12BM2 WOLFSPEED-CAS120M12BM2 Datasheet
968Kb / 11P
1200 V, 120 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 1, 2020-11-11
CAS175M12BM3 WOLFSPEED-CAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
WAB300M12BM3 WOLFSPEED-WAB300M12BM3 Datasheet
1Mb / 12P
1200 V, 300 A All-Silicon Carbide THB-80 Qualified, Switching Optimized, Half-Bridge Module
Rev. A 2020-05-20
WAS350M12BM3 WOLFSPEED-WAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com