Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS480M12HM3 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # CAS480M12HM3
Description  1200 V, 480 A, Silicon Carbide High-Performance, Switching Optimized, Half-Bridge Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAS480M12HM3 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  CAS480M12HM3 Datasheet HTML 1Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 2Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 3Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 4Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 5Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 6Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 7Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 8Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright ©2022 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, Wolfspeed®, and the Wolfspeed logo
are registered trademarks of Cree, Inc.
2
Rev. 2, 2022-02-25
CAS480M12HM3
4600 Silicon Dr., Durham, NC 27703
MOSFET Characteristics (Per Position) (TVJ = 25˚C unless otherwise specified)
Symbol Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Note
V(BR)DSS Drain-Source Breakdown Voltage
1200
V
VGS= 0 V, TVJ = -40 °C
VGS(th)
Gate Threshold Voltage
1.8
2.5
3.6
VDS = VGS, ID = 160 mA
2.0
VDS = VGS, ID = 160 mA, TVJ = 175 °C
IDSS
Zero Gate Voltage Drain Current
10
280
μA VGS=0V,VDS=1200V
IGSS
Gate-Source Leakage Current
0.1
2
VGS = 15 V, VDS = 0 V
R
DS(on)
Drain-Source On-State Resistance
(Devices Only)
2.29
2.97
mΩ
VGS = 15 V, ID = 480 A
Fig. 2
Fig. 3
3.66
VGS = 15 V, ID = 480 A, TVJ = 175 °C
gfs
Transconductance
356
S
VDS = 20 V, IDS = 480 A
Fig. 4
345
VDS = 20 V, IDS = 480 A, TVJ = 175 °C
EOn
Turn-On Switching Energy, TVJ = 25 °C
TVJ = 125 °C
TVJ = 175 °C
11.3
9.6
9.9
mJ
VDS = 600 V,
ID = 500 A,
VGS = -4 V/15 V,
RG(ext) = 1.0 Ω,
L = 13.7
μH
Fig. 11
Fig. 13
EOff
Turn-Off Switching Energy, TVJ = 25 °C
TVJ = 125 °C
TVJ = 175 °C
7.2
7.3
7.4
RG(int)
Internal Gate Resistance
0.8
Ω
VAC = 25 mV, f = 100 kHz
Ciss
Input Capacitance
43.1
nF
VGS = 0 V, VDS = 800 V,
VAC = 25 mV, f = 100 kHz
Fig. 9
Coss
Output Capacitance
2.76
Crss
Reverse Transfer Capacitance
70.7
pF
QGS
Gate to Source Charge
448
nC
VDS = 800 V, VGS = -4 V/15 V
ID = 480 A
Per IEC60747-8-4 pg 21
QGD
Gate to Drain Charge
539
QG
Total Gate Charge
1590
RthJC
FET Thermal Resistance, Junction to Case
0.1
0.115
°C/W
Fig. 17
Diode Characteristics (Per Position) (TVJ = 25˚C unless otherwise specified)
Symbol Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Note
VF
Diode Forward Voltage
1.95
V
VGS = -4 V, IF = 480 A
Fig. 7
3.10
VGS = -4 V, IF = 480 A, TVJ = 175 °C
tRR
Reverse Recovery Time
28
ns
V
GS = -4 V, ISD = 500 A, VR = 600 V
diF/dt = 17 A/ns, TVJ = 175 °C
Fig. 32
QRR
Reverse Recovery Charge
4.5
μC
IRRM
Peak Reverse Recovery Current
270
A
ERR
Diode Energy TVJ = 25 °C
TVJ = 125 °C
TVJ = 175 °C
1.1
1.3
1.5
mJ
VDS = 600 V, ID = 500A,
VGS = -4 V/15 V, RG(ext)= 1.0 Ω,
L = 13.7
μH
Fig. 14
Note 1
RthJC
Diode Thermal Resistance, Junction to Case
0.11
0.13
°C/W
Note 1 SiC Schottky diodes do not have reverse recovery energy but still contribute capacitive energy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com