Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS120M12BM2 Datasheet (PDF) - WOLFSPEED, INC.

CAS120M12BM2 Datasheet PDF - WOLFSPEED, INC.
Part # CAS120M12BM2
Download  CAS120M12BM2 Download
File Size   968.2 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 120 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module

CAS120M12BM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAS120M12BM2 Datasheet PDF - WOLFSPEED, INC.

Part # CAS120M12BM2
Download  CAS120M12BM2 Click to download

File Size   968.2 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 120 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module

CAS120M12BM2 Datasheet (HTML) - WOLFSPEED, INC.


CAS120M12BM2 Product details

Technical Features
• Industry Standard 62mm Footprint
• Ultra-Low Loss, High-Frequency Operation
• Zero Reverse Recovery from Diodes
• Zero Turn-off Tail Current from MOSFET
• Normally-off, Fail-safe Device Operation
• Copper Baseplate and Aluminum Nitride Insulator
VDS 1200 V
IDS 120 A
System Benefits
• Fast Time-to-Market with Minimal Development Required for Transition from 62mm IGBT Packages
• Increased System Efficiency, due to Low Switching & Conduction Losses of SiC
Applications
• Railway & Traction
• Solar & Renewable Energy
• EV Charging
• Industrial Automation & Testing




Similar Part No. - CAS120M12BM2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAS120M12BM2 CREE-CAS120M12BM2 Datasheet
1Mb / 9P
Half-Bridge Module
More results


Similar Description - CAS120M12BM2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAB400M12XM3 CREE-CAB400M12XM3 Datasheet
801Kb / 9P
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
logo
WOLFSPEED, INC.
CAB400M12XM3 WOLFSPEED-CAB400M12XM3 Datasheet
801Kb / 9P
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
Rev. -, 2019-10-31
CAB425M12XM3 WOLFSPEED-CAB425M12XM3 Datasheet
774Kb / 9P
1200 V, 425 A All-Silicon Carbide Switching-Optimized, Half-Bridge Module
Rev. -, 2020-01-28
CAB530M12BM3 WOLFSPEED-CAB530M12BM3 Datasheet
1Mb / 11P
1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02
CAB760M12HM3 WOLFSPEED-CAB760M12HM3 Datasheet
1Mb / 11P
1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
Rev. 1, 2022-02-25
CAB760M12HM3R WOLFSPEED-CAB760M12HM3R Datasheet
1Mb / 11P
1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
Rev. 1, 2022-02-25
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
CAS480M12HM3 WOLFSPEED-CAS480M12HM3 Datasheet
1Mb / 11P
1200 V, 480 A, Silicon Carbide High-Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2022-02-25
EAB450M12XM3 WOLFSPEED-EAB450M12XM3 Datasheet
1Mb / 11P
Automotive Qualified 1200 V, 450 A All-Silicon Carbide Conduction-Optimized, Half-Bridge Module
Rev. A 2020-10-07
WAB300M12BM3 WOLFSPEED-WAB300M12BM3 Datasheet
1Mb / 12P
1200 V, 300 A All-Silicon Carbide THB-80 Qualified, Switching Optimized, Half-Bridge Module
Rev. A 2020-05-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com