Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1846771 Datasheet (PDF) - PHOENIX CONTACT

1846771 Datasheet PDF - PHOENIX CONTACT
Part # 1846771
Download  1846771 Download
File Size   991.9 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTB 2,5/10-GF - PCB header

1846771 Datasheet (PDF)

Go To PDF Page Download Datasheet
1846771 Datasheet PDF - PHOENIX CONTACT

Part # 1846771
Download  1846771 Click to download

File Size   991.9 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTB 2,5/10-GF - PCB header

1846771 Datasheet (HTML) - PHOENIX CONTACT


1846771 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Pin, number of potentials: 20, number of rows:
2, number of positions: 10, number of connections: 20, product range: MDSTB 2,5/..-GF, pitch: 5
mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.2 mm, number of
solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern
alignment: Standard, locking: Screw locking, mounting: Threaded flange, type of packaging:
packed in cardboard, The article can be aligned to create different nos. of positions! In
combination with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug components is not
possible!

Your advantages
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1846771

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1846700 PHOENIX-1846700 Datasheet
146Kb / 6P
MSTB 2,5/ 3-STF
1846713 PHOENIX-1846713 Datasheet
150Kb / 6P
MSTB 2,5/ 4-STF
1846713 PHOENIX-1846713 Datasheet
136Kb / 5P
FKC 2,5/ 4-STF
1846726 PHOENIX-1846726 Datasheet
829Kb / 12P
MDSTB 2,5/ 5-GF - PCB header
1846739 PHOENIX-1846739 Datasheet
989Kb / 17P
MDSTB 2,5/ 6-GF - PCB header
More results


Similar Description - 1846771

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1842461 PHOENIX-1842461 Datasheet
84Kb / 4P
Housing - MDSTB 2,5/12-GF-5,08
1845714 PHOENIX-1845714 Datasheet
571Kb / 17P
PCB header - MDSTBV 2,5/10-GF-5,08
Nov 30, 2022
1840052 PHOENIX-1840052 Datasheet
537Kb / 15P
PCB header - MDSTB 2,5/ 8-G-5,08
Jan 10, 2023
1938951 PHOENIX-1938951 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 5-G1-5,08
Nov 30, 2022
1924606 PHOENIX-1924606 Datasheet
335Kb / 11P
PCB header - MSTBV 2,5 HC/10-GF-5,08
1825200 PHOENIX-1825200 Datasheet
649Kb / 13P
IC 2,5/10-GF-5,08 - PCB header
1842380 PHOENIX-1842380 Datasheet
1,001Kb / 20P
MDSTB 2,5/ 4-GF-5,08 - PCB header
1825776 PHOENIX-1825776 Datasheet
630Kb / 13P
ICV 2,5/10-GF-5,08 - PCB header
1943506 PHOENIX-1943506 Datasheet
546Kb / 15P
IC 2,5 HC/10-GF-5,08 - PCB header
1842432 PHOENIX-1842432 Datasheet
955Kb / 20P
MDSTB 2,5/ 9-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com