Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1842432 Datasheet (PDF) - PHOENIX CONTACT

1842432 Datasheet PDF - PHOENIX CONTACT
Part # 1842432
Download  1842432 Download
File Size   955.25 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTB 2,5/ 9-GF-5,08 - PCB header

1842432 Datasheet (PDF)

Go To PDF Page Download Datasheet
1842432 Datasheet PDF - PHOENIX CONTACT

Part # 1842432
Download  1842432 Click to download

File Size   955.25 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTB 2,5/ 9-GF-5,08 - PCB header

1842432 Datasheet (HTML) - PHOENIX CONTACT


1842432 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 18,
number of rows: 2, number of positions: 9, number of connections: 18, product range: MDSTB
2,5/..-GF, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.
23 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard, The article can be aligned to create different
nos. of positions! In combination with MVSTB or FKCV plug components, both an MVSTBW (or
FKCVW) and an MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug
components is not possible!

Your advantages
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1842432

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1842430000 WEIDMULLER-1842430000 Datasheet
319Kb / 5P
SL-SMT 3.50/14/180G 3.2SN BK BX
More results


Similar Description - 1842432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1762444 PHOENIX-1762444 Datasheet
185Kb / 6P
MDSTB 2,5/ 9-G1-5,08
1842461 PHOENIX-1842461 Datasheet
84Kb / 4P
Housing - MDSTB 2,5/12-GF-5,08
1842416 PHOENIX-1842416 Datasheet
84Kb / 4P
Base strip - MDSTB 2,5/ 7-GF-5,08
1842377 PHOENIX-1842377 Datasheet
84Kb / 4P
Base strip - MDSTB 2,5/ 3-GF-5,08
1840052 PHOENIX-1840052 Datasheet
537Kb / 15P
PCB header - MDSTB 2,5/ 8-G-5,08
Jan 10, 2023
1938948 PHOENIX-1938948 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 2-G1-5,08
Jan 3, 2023
1938951 PHOENIX-1938951 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 5-G1-5,08
Nov 30, 2022
1846771 PHOENIX-1846771 Datasheet
991Kb / 17P
MDSTB 2,5/10-GF - PCB header
1842380 PHOENIX-1842380 Datasheet
1,001Kb / 20P
MDSTB 2,5/ 4-GF-5,08 - PCB header
1796393 PHOENIX-1796393 Datasheet
274Kb / 10P
MSTBV 2,5/ 9-GF-5,08 EX - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com