Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8262 Datasheet (PDF) - Texas Instruments

DRV8262 Datasheet PDF - Texas Instruments
Part # DRV8262
Download  DRV8262 Download
File Size   2868.2 Kbytes
Page   63 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV8262: 65 V, Single or Dual H-Bridge Motor Driver with Current Sense Output

DRV8262 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8262 Datasheet PDF - Texas Instruments

Part # DRV8262
Download  DRV8262 Click to download

File Size   2868.2 Kbytes
Page   63 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV8262: 65 V, Single or Dual H-Bridge Motor Driver with Current Sense Output

DRV8262 Datasheet (HTML) - Texas Instruments


DRV8262 Product details

1 Features
• Single or dual H-bridge motor driver
– Drives One or two brushed-DC motors
– One stepper motor
– One or two thermoelectric coolers (TEC)
• 4.5 V to 65 V operating supply voltage range
• Low RDS(ON):
– 100 mΩ HS + LS (Dual H-Bridge)
– 50 mΩ HS + LS (Single H-Bridge)
• High output current capability:
– Dual H-Bridge (24 V, 25 °C):
• 8-A peak with DDW package
• 16-A peak with DDV package
– Single H-Bridge (24 V, 25 °C):
• 16-A peak with DDW package
• 32-A peak with DDV package
• Pin-to-pin compatible with:
– DRV8252: 48V, H-bridge motor driver
• Programmable interface of operation -
– Phase/Enable (PH/EN)
– PWM (IN/IN)
• Integrated current sense and regulation
– Current sensing for high-side MOSFETs
– Sense output (IPROPI) for each H-bridge
– ± 4 % sense accuracy at maximum current
• Separate logic supply voltage (VCC)
• Configurable off-Time PWM chopping
– 7, 16, 24 or 32 μs
• Programmable fault recovery method
• Supports 1.8-V, 3.3-V, 5.0-V logic inputs
• Low-current sleep mode (3 μA)
• Protection features
– VM undervoltage lockout (UVLO)
– Charge pump undervoltage (CPUV)
– Overcurrent protection (OCP)
– Thermal shutdown (OTSD)
– Fault condition output (nFAULT)

2 Applications
• Brushed DC Motors
• Factory Automation, Stepper Drives and Robotics
• Medical Imaging, Diagnostics and Equipment
• ATMs, currency counters, and EPOS
• TEC Drivers

3 Description
The DRV8262 is a wide-voltage, high-power, Hbridge
motor driver for a wide variety of industrial
applications. The device integrates two H-bridges to
drive two DC motors or a bipolar stepper motor. The
H-bridges can be paralleled to drive one DC motor
with higher current. The DRV8262 supports up to
16-A peak current in the dual H-bridge mode and
up to 32-A in the single H-bridge mode. The device
also integrates current sensing and regulation, current
sense output and protection circuitry.
Integrated current sensing across the high-side
MOSFETs allows the driver to regulate the motor
current during startup and high load events. A current
limit can be set with an adjustable external voltage
reference. Additionally, the device provides output
current proportional to the motor current for each Hbridge.
The integrated sensing uses a current mirror,
removing the need for large shunt resistors, saving
board area and reducing system cost.
A low-power sleep mode is provided to achieve ultralow
quiescent current. Internal protection features are
provided for supply undervoltage lockout (UVLO),
charge pump undervoltage (CPUV), output over
current (OCP), and device overtemperature (OTSD).




Similar Part No. - DRV8262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8262 TI1-DRV8262 Datasheet
2Mb / 58P
DRV8262-Q1: 60V, Single or Dual H-Bridge Motor Driver with Current Sense Output for 24V and 48V Automotive Applications
FEBRUARY 2024
DRV8262-Q1 TI1-DRV8262-Q1 Datasheet
2Mb / 58P
DRV8262-Q1: 60V, Single or Dual H-Bridge Motor Driver with Current Sense Output for 24V and 48V Automotive Applications
FEBRUARY 2024
DRV8262-Q1 TI1-DRV8262-Q1 Datasheet
2Mb / 59P
DRV8163-Q1 Automotive 65V Half-Bridge Driver with Integrated Current Sense and Diagnostics
FEBRUARY 2025
DRV8262-Q1 TI1-DRV8262-Q1 Datasheet
2Mb / 63P
DRV8263-Q1 Automotive 65V H-Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2025
DRV8262QDDWRQ1 TI1-DRV8262QDDWRQ1 Datasheet
2Mb / 58P
DRV8262-Q1: 60V, Single or Dual H-Bridge Motor Driver with Current Sense Output for 24V and 48V Automotive Applications
FEBRUARY 2024
More results


Similar Description - DRV8262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8874 TI1-DRV8874 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8874-Q1 TI1-DRV8874-Q1 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8410 TI-DRV8410 Datasheet
1Mb / 45P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8411 TI-DRV8411 Datasheet
1Mb / 45P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8411 TI-DRV8411_V01 Datasheet
2Mb / 54P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8410 TI-DRV8410_V02 Datasheet
2Mb / 54P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8410 TI-DRV8410_V03 Datasheet
2Mb / 61P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
REVISED DECEMBER 2022
DRV8411A TI1-DRV8411A Datasheet
2Mb / 54P
DRV8411A Dual H-Bridge Motor Driver with Current Regulation
OCTOBER 2022
DRV8411 TI1-DRV8411_V02 Datasheet
3Mb / 57P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8411A TI-DRV8411A_V01 Datasheet
2Mb / 53P
DRV8411A Dual H-Bridge Motor Driver with Current Regulation
REVISED JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com