Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8262 Datasheet (PDF) - Texas Instruments

DRV8262 Datasheet PDF - Texas Instruments
Part # DRV8262
Download  DRV8262 Download
File Size   2492.1 Kbytes
Page   58 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV8262-Q1: 60V, Single or Dual H-Bridge Motor Driver with Current Sense Output for 24V and 48V Automotive Applications

DRV8262 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8262 Datasheet PDF - Texas Instruments

Part # DRV8262
Download  DRV8262 Click to download

File Size   2492.1 Kbytes
Page   58 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV8262-Q1: 60V, Single or Dual H-Bridge Motor Driver with Current Sense Output for 24V and 48V Automotive Applications

DRV8262 Datasheet (HTML) - Texas Instruments


DRV8262 Product details

1 Features
• AEC-Q100 Qualified for Automotive
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• – Single or dual H-bridge motor driver
– Drives One or two brushed-DC motors
– One stepper motor
– One or two thermoelectric coolers (TEC)
• 4.5V to 60V operating supply voltage range
• Low RDS(ON):
– 100mΩ HS + LS (Dual H-Bridge)
– 50mΩ HS + LS (Single H-Bridge)
• High output current capability:
– Dual H-Bridge (24V, 25 °C): 8A peak
– Single H-Bridge (24V, 25 °C): 16A peak
• Programmable interface of operation -
– Phase/Enable (PH/EN)
– PWM (IN/IN)
• Integrated current sense and regulation
– Current sensing for high-side MOSFETs
– Sense output (IPROPI) for each H-bridge
– ± 4 % sense accuracy at maximum current
• Separate logic supply voltage (VCC)
• Configurable off-Time PWM chopping
– 7, 16, 24 or 32μs
• Programmable fault recovery method
• Supports 1.8V, 3.3V, 5.0V logic inputs
• Low-current sleep mode (3μA)
• Protection features
– VM undervoltage lockout (UVLO)
– Charge pump undervoltage (CPUV)
– Overcurrent protection (OCP)
– Thermal shutdown (OTSD)
– Fault condition output (nFAULT)

2 Applications
• 24V and 48V Automotive Body Systems
• Automotive Brushed DC Motors
• Door Modules, Mirrors, Shifter, Seats
• Trunk lift, Window lift
• Steering column, Sunroof shade
• Electric Vehicles, Truck, Bus and other
Commercial Vehicles

3 Description
The DRV8262-Q1 is a wide-voltage, high-power, Hbridge
motor driver for 24V and 48V automotive
applications. The device integrates two H-bridges to
drive one or two DC motors or a bipolar stepper
motor. The DRV8262-Q1 supports up to 8A peak
current in the dual H-bridge mode and up to 16A
peak current in the single H-bridge mode. The device
also integrates current sensing and regulation, current
sense output and protection circuitry.
Integrated current sensing across the high-side
MOSFETs allows the driver to regulate the motor
current during startup and high load events. A
current limit can be set with an adjustable external
voltage reference. The device also provides output
current proportional to the motor current for each Hbridge.
Integrated sensing removes the need for shunt
resistors, reducing board area and system cost.
A low-power sleep mode is provided to achieve ultralow
quiescent current. Internal protection features are
provided for supply undervoltage lockout (UVLO),
charge pump undervoltage (CPUV), output over
current (OCP), and device overtemperature (OTSD).




Similar Part No. - DRV8262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8262 TI1-DRV8262 Datasheet
2Mb / 63P
DRV8262: 65 V, Single or Dual H-Bridge Motor Driver with Current Sense Output
REVISED JULY 2023
DRV8262-Q1 TI1-DRV8262-Q1 Datasheet
2Mb / 59P
DRV8163-Q1 Automotive 65V Half-Bridge Driver with Integrated Current Sense and Diagnostics
FEBRUARY 2025
DRV8262-Q1 TI1-DRV8262-Q1 Datasheet
2Mb / 63P
DRV8263-Q1 Automotive 65V H-Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2025
DRV8262DDVR TI1-DRV8262DDVR Datasheet
2Mb / 63P
DRV8262: 65 V, Single or Dual H-Bridge Motor Driver with Current Sense Output
REVISED JULY 2023
DRV8262DDWR TI1-DRV8262DDWR Datasheet
2Mb / 63P
DRV8262: 65 V, Single or Dual H-Bridge Motor Driver with Current Sense Output
REVISED JULY 2023
More results


Similar Description - DRV8262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8243-Q1 TI-DRV8243-Q1 Datasheet
3Mb / 77P
DRV8243-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSG23 ??AUGUST 2021
DRV8244-Q1 TI-DRV8244-Q1 Datasheet
3Mb / 77P
DRV8244-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSG24 ??AUGUST 2021
DRV8245-Q1 TI-DRV8245-Q1 Datasheet
3Mb / 76P
DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSFJ1 ??AUGUST 2021
DRV8245-Q1 TI-DRV8245-Q1_V01 Datasheet
4Mb / 83P
DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
DECEMBER 2021
DRV8243-Q1 TI-DRV8243-Q1_V01 Datasheet
3Mb / 75P
DRV8243-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
DRV8245-Q1 TI-DRV8245-Q1_V02 Datasheet
3Mb / 77P
DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
DRV8245-Q1 TI-DRV8245-Q1_V03 Datasheet
3Mb / 80P
DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
DRV8262 TI1-DRV8262 Datasheet
2Mb / 63P
DRV8262: 65 V, Single or Dual H-Bridge Motor Driver with Current Sense Output
REVISED JULY 2023
DRV8242-Q1 TI1-DRV8242-Q1 Datasheet
2Mb / 69P
DRV8242-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com