Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH60008D Datasheet (PDF) - WOLFSPEED, INC.

CGH60008D Datasheet PDF - WOLFSPEED, INC.
Part # CGH60008D
Download  CGH60008D Download
File Size   977.85 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 8 W, 6.0 GHz, GaN HEMT Die

CGH60008D Datasheet (PDF)

Go To PDF Page Download Datasheet
CGH60008D Datasheet PDF - WOLFSPEED, INC.

Part # CGH60008D
Download  CGH60008D Click to download

File Size   977.85 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 8 W, 6.0 GHz, GaN HEMT Die

CGH60008D Datasheet (HTML) - WOLFSPEED, INC.


CGH60008D Product details

Description
Wolfspeed’s CGH60008D is a gallium nitride (GaN) High
Electron Mobility Transistor (HEMT). GaN has superior
properties compared to silicon or gallium arsenide,
including higher breakdown voltage, higher saturated
electron drift velocity, and higher thermal conductivity.
GaN HEMTs offer greater power density and wider
bandwidths compared to Si and GaAs transistors.
Features
• 15 dB Typical Small Signal Gain at 4 GHz
• 12 dB Typical Small Signal Gain at 6 GHz
• 8 W Typical PSAT @ 28 V Operation
• 5 W Typical PSAT @ 20 V Operation
• High Breakdown Voltage
• High Temperature Operation
• Up to 6 GHz Operation
• High Efficiency
• Bare die are shipped in Gel-Pak® containers
• Non-adhesive tacky membrane immobilizes die during shipment
Applications
• 2-Way Private Radio
• Broadband Amplifiers
• Cellular Infrastructure
• Test Instrumentation
• Class A, AB, Linear amplifiers suitable for OFDM,
W-CDMA, EDGE, CDMA waveforms




Similar Part No. - CGH60008D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH60008D CREE-CGH60008D Datasheet
528Kb / 8P
8 W, 6.0 GHz, GaN HEMT Die
Rev 0.3
More results


Similar Description - CGH60008D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH60008D CREE-CGH60008D Datasheet
528Kb / 8P
8 W, 6.0 GHz, GaN HEMT Die
Rev 0.3
CGH60030D CREE-CGH60030D Datasheet
622Kb / 8P
30 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
60 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
CGH60120D CREE-CGH60120D Datasheet
592Kb / 7P
120 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
CGHV60040D CREE-CGHV60040D Datasheet
654Kb / 7P
40 W, 6.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CGH60015D WOLFSPEED-CGH60015D Datasheet
980Kb / 9P
15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
CGH60030D WOLFSPEED-CGH60030D Datasheet
1Mb / 9P
30 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
CGH60060D WOLFSPEED-CGH60060D Datasheet
1Mb / 8P
60 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
CGH60120D WOLFSPEED-CGH60120D Datasheet
1Mb / 8P
120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
CGHV60040D WOLFSPEED-CGHV60040D Datasheet
1Mb / 8P
40 W, 6.0 GHz, GaN HEMT Die
Rev. 1.3, 2022-12-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com