Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGHV60040D Datasheet (PDF) - WOLFSPEED, INC.

CGHV60040D Datasheet PDF - WOLFSPEED, INC.
Part # CGHV60040D
Download  CGHV60040D Download
File Size   1411.99 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 40 W, 6.0 GHz, GaN HEMT Die

CGHV60040D Datasheet (PDF)

Go To PDF Page Download Datasheet
CGHV60040D Datasheet PDF - WOLFSPEED, INC.

Part # CGHV60040D
Download  CGHV60040D Click to download

File Size   1411.99 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 40 W, 6.0 GHz, GaN HEMT Die

CGHV60040D Datasheet (HTML) - WOLFSPEED, INC.


CGHV60040D Product details

Description
Wolfspeed’s CGHV60040D is a gallium nitride (GaN) High
Electron Mobility Transistor (HEMT). GaN has superior
properties compared to silicon or gallium arsenide,
including higher breakdown voltage, higher saturated
electron drift velocity, and higher thermal conductivity.
GaN HEMTs offer greater power density and wider
bandwidths compared to Si and GaAs transistors.
Features
• 18 dB Typical Small Signal Gain at 4 GHz
• 17 dB Typical Small Signal Gain at 6 GHz
• 65% Typical Power Added Efficiency
• 40 W Typical PSAT
• 50 V Operation
• High Breakdown Voltage
• Up to 6 GHz Operation
• Bare die are shipped in Gel-Pak® containers
• Non-adhesive tacky membrane immobilizes die during shipment
Applications
• Cellular Infrastructure
• Class A, AB, Linear amplifiers suitable for OFDM,
W-CDMA, EDGE, CDMA waveforms




Similar Part No. - CGHV60040D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV60040D CREE-CGHV60040D Datasheet
654Kb / 7P
40 W, 6.0 GHz, GaN HEMT Die
More results


Similar Description - CGHV60040D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH60008D CREE-CGH60008D Datasheet
528Kb / 8P
8 W, 6.0 GHz, GaN HEMT Die
Rev 0.3
CGH60030D CREE-CGH60030D Datasheet
622Kb / 8P
30 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
60 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
CGH60120D CREE-CGH60120D Datasheet
592Kb / 7P
120 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
CGHV60040D CREE-CGHV60040D Datasheet
654Kb / 7P
40 W, 6.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CGH60008D WOLFSPEED-CGH60008D Datasheet
977Kb / 9P
8 W, 6.0 GHz, GaN HEMT Die
Rev. 1.2, 2022-11-23
CGH60015D WOLFSPEED-CGH60015D Datasheet
980Kb / 9P
15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
CGH60030D WOLFSPEED-CGH60030D Datasheet
1Mb / 9P
30 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
CGH60060D WOLFSPEED-CGH60060D Datasheet
1Mb / 8P
60 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
CGH60120D WOLFSPEED-CGH60120D Datasheet
1Mb / 8P
120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com