Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGHV40320D Datasheet (PDF) - WOLFSPEED, INC.

CGHV40320D Datasheet PDF - WOLFSPEED, INC.
Part # CGHV40320D
Download  CGHV40320D Download
File Size   833.38 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 320 W, 4.0 GHz, GaN HEMT Die

CGHV40320D Datasheet (PDF)

Go To PDF Page Download Datasheet
CGHV40320D Datasheet PDF - WOLFSPEED, INC.

Part # CGHV40320D
Download  CGHV40320D Click to download

File Size   833.38 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 320 W, 4.0 GHz, GaN HEMT Die

CGHV40320D Datasheet (HTML) - WOLFSPEED, INC.


CGHV40320D Product details

Description
Wolfspeed’s CGHV40320D is a gallium nitride (GaN) High
Electron Mobility Transistor (HEMT). GaN has superior
properties compared to silicon or gallium arsenide,
including higher breakdown voltage, higher saturated
electron drift velocity, and higher thermal conductivity.
GaN HEMTs offer greater power density and wider
bandwidths compared to Si and GaAs transistors.
Features
• 19 dB Typical Small Signal Gain at 4 GHz
• 65% Typical Power Added Efficiency
• 320 W Typical PSAT
• 50 V Operation
• High Breakdown Voltage
• Up to 4 GHz Operation
• Bare die are shipped in Gel-Pak® containers
• Non-adhesive tacky membrane immobilizes die during shipment
Applications
• Broadband amplifiers
• Tactical communications
• Satellite communications
• Industrial, Scientific, and Medical amplifiers
• Class A, AB, Linear amplifiers suitable for OFDM,
W-CDMA, EDGE, CDMA waveforms




Similar Part No. - CGHV40320D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40320D CREE-CGHV40320D Datasheet
516Kb / 7P
320 W, 4.0 GHz, GaN HEMT Die
Rev 0.0
More results


Similar Description - CGHV40320D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH60008D CREE-CGH60008D Datasheet
528Kb / 8P
8 W, 6.0 GHz, GaN HEMT Die
Rev 0.3
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
60 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
CGHV1J025D CREE-CGHV1J025D Datasheet
763Kb / 9P
25 W, 18.0 GHz, GaN HEMT Die
Rev 1.1
CGHV40320D CREE-CGHV40320D Datasheet
516Kb / 7P
320 W, 4.0 GHz, GaN HEMT Die
Rev 0.0
logo
WOLFSPEED, INC.
CGH60008D WOLFSPEED-CGH60008D Datasheet
977Kb / 9P
8 W, 6.0 GHz, GaN HEMT Die
Rev. 1.2, 2022-11-23
CGH60015D WOLFSPEED-CGH60015D Datasheet
980Kb / 9P
15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
CGH60060D WOLFSPEED-CGH60060D Datasheet
1Mb / 8P
60 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
CGH60120D WOLFSPEED-CGH60120D Datasheet
1Mb / 8P
120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
CGHV1J006D WOLFSPEED-CGHV1J006D Datasheet
868Kb / 9P
6 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
CGHV1J025D WOLFSPEED-CGHV1J025D Datasheet
1Mb / 10P
25 W, 18.0 GHz, GaN HEMT Die
Rev. 2.2, 2022-12-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com