Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4954A Datasheet (PDF) - Cirrus Logic

CDB4954A Datasheet PDF - Cirrus Logic
Part # CDB4954A
Download  CDB4954A Download
File Size   1887.09 Kbytes
Page   20 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Evaluation Board

CDB4954A Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB4954A Datasheet PDF - Cirrus Logic

Part # CDB4954A
Download  CDB4954A Click to download

File Size   1887.09 Kbytes
Page   20 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Evaluation Board

CDB4954A Datasheet (HTML) - Cirrus Logic


CDB4954A Product details

Description
The CS4954/5 provides full conversion from digital video formats YCbCr or YUV to NTSC and PAL Composite, Y/C (S-video) and RGB, or YUV analog video. Input formats can be 27 MHz 8-bit YUV, 8-bit YCbCr, or ITU R.BT656 with support for EAV/SAV codes. Video output can be formatted to be compatible with NTSC-M, NTSCJ, PAL-B,D,G,H,I,M,N, and Combination N systems. Closed Caption is supported in NTSC. Teletext is supported for NTSC and PAL.

Features
● Six DACs providing simultaneous composite,S-video, and RGB or Component YUV outputs
● Programmable DAC output currents for low impedance (37.5 Ω) and high impedance (150 Ω) loads
● Multi-standard support for NTSC-M, NTSCJAPAN, PAL (B, D, G, H, I, M, N, Combination N)
● ITU R.BT656 input mode supporting EAV/SAV codes and CCIR601 Master/Slave input modes
● Programmable HSYNC and VSYNC timing
● Multistandard Teletext (Europe, NABTS, WST) support
● VBI encoding support
● Wide-Screen Signaling (WSS) support, EIA-J CPX1204
● NTSC closed caption encoder with interrupt
● CS4955 supports Macrovision copy protection Version 7
● Host interface configurable for parallel or I²C® compatible operation
● On-chip voltage reference generator
● +3.3 V or +5 V operation, CMOS, low-power modes, three-state DACs




Similar Part No. - CDB4954A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4954A CIRRUS-CDB4954A Datasheet
1Mb / 60P
NTSC/PAL Digital Video Encoder
More results


Similar Description - CDB4954A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com