Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5467 Datasheet (PDF) - Cirrus Logic

CS5467 Datasheet PDF - Cirrus Logic
Part # CS5467
Download  CS5467 Download
File Size   746.88 Kbytes
Page   46 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Four-channel Power/Energy IC

CS5467 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5467 Datasheet PDF - Cirrus Logic

Part # CS5467
Download  CS5467 Click to download

File Size   746.88 Kbytes
Page   46 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Four-channel Power/Energy IC

CS5467 Datasheet (HTML) - Cirrus Logic


CS5467 Product details

Description

The CS5467 is a watt-hour meter on a chip. It measures line voltage and current and calculates active, reactive, apparent power, energy, power factor, and RMS voltage and current.



Features& Description

• Energy Linearity: ±0.1% of Reading over 1000:1 Dynamic Range

• On-chip Functions:

- Voltage and Current Measurement

- Active, Reactive, and Apparent Power/Energy

- RMS Voltage and Current Calculations

- Current Fault and Voltage Sag Detection

- Calibration

- Phase Compensation

- Temperature Sensor

- Energy Pulse Outputs

• Meets Accuracy Spec for IEC, ANSI, & JIS

• Low Power Consumption

• Voltage Tamper Correction

• Ground-referenced Inputs with Single Supply

• On-chip 2.5 V Reference (25 ppm / °C typ.)

• Power Supply Monitor Function

• Three-wire Serial Interface to Microcontroller or E2PROM

• Power Supply Configurations  GND: 0 V, VA+: +5 V, VD+: +3.3 V to +5 V




Similar Part No. - CS5467

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5467 CIRRUS-CS5467 Datasheet
750Kb / 46P
Four-channel Power / Energy IC
CS5467 CIRRUS-CS5467 Datasheet
381Kb / 46P
Four-channel Power/Energy IC
CS5467-IS CIRRUS-CS5467-IS Datasheet
750Kb / 46P
Four-channel Power / Energy IC
CS5467-ISZ CIRRUS-CS5467-ISZ Datasheet
750Kb / 46P
Four-channel Power / Energy IC
CS5467-ISZ CIRRUS-CS5467-ISZ Datasheet
381Kb / 46P
Four-channel Power/Energy IC
More results


Similar Description - CS5467

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
Four Channel Supervisory IC
December 28, 2004
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
Four Channel Supervisory IC
May 2004
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
Four-Channel Supervisory IC
logo
Cirrus Logic
CS5464 CIRRUS-CS5464 Datasheet
795Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464_07 Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5467 CIRRUS-CS5467_07 Datasheet
750Kb / 46P
Four-channel Power / Energy IC
CS5464 CIRRUS-CS5464_11 Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5467 CIRRUS-CS5467_11 Datasheet
381Kb / 46P
Four-channel Power/Energy IC
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
Four Channel Energy Measurement IC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com