Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42888 Datasheet (PDF) - Cirrus Logic

CS42888 Datasheet PDF - Cirrus Logic
Part # CS42888
Download  CS42888 Download
File Size   1510.75 Kbytes
Page   61 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 108 dB, 192 kHz 4-In, 8-Out CODEC

CS42888 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS42888 Datasheet PDF - Cirrus Logic

Part # CS42888
Download  CS42888 Click to download

File Size   1510.75 Kbytes
Page   61 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 108 dB, 192 kHz 4-In, 8-Out CODEC

CS42888 Datasheet (HTML) - Cirrus Logic


CS42888 Product details

GENERAL DESCRIPTION

The CS42888 CODEC provides fourmulti-bit analog-to digital and eight multi-bit digital-to-analog delta-sigma converters. The CODEC is capable of operation with ei ther differential or single-ended inputs and outputs, in a 64-pin LQFP package.



FEATURES

Four 24-bit A/D, Eight 24-bit D/A Converters

ADC Dynamic Range

– 105 dB Differential

– 102 dB Single-Ended

DAC Dynamic Range

– 108 dB Differential

– 105 dB Single-Ended

ADC/DAC THD+N

– -98 dB Differential

– -95 dB Single-Ended

Compatible with Industry-Standard Time Division Multiplexed (TDM) Serial Interface

System Sampling Rates up to 192 kHz

Programmable ADC High-Pass Filter for DC Offset Calibration

Logarithmic Digital Volume Control

I²C®& SPI™Host Control Port

Supports Logic Levels Between 5 V and 1.8 V

Popguard® Technology




Similar Part No. - CS42888

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42888 CIRRUS-CS42888 Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-CQZ CIRRUS-CS42888-CQZ Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-CQZR CIRRUS-CS42888-CQZR Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-DQZ CIRRUS-CS42888-DQZ Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-DQZR CIRRUS-CS42888-DQZR Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
More results


Similar Description - CS42888

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42438 CIRRUS-CS42438 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
108 dB, 192 kHz 6-in, 8-out CODEC
CS42435 CIRRUS-CS42435 Datasheet
1Mb / 58P
108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42432 CIRRUS-CS42432_06 Datasheet
1Mb / 59P
108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42438 CIRRUS-CS42438_06 Datasheet
1Mb / 62P
108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42448 CIRRUS-CS42448_06 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-In, 8-Out CODEC
CS42435 CIRRUS-CS42435_07 Datasheet
1Mb / 57P
108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42438 CIRRUS-CS42438_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 6-In, 8-Out TDM CODEC
CS42448 CIRRUS-CS42448_07 Datasheet
1Mb / 64P
108 dB, 192 kHz 6-In, 8-Out CODEC
CS42888 CIRRUS-CS42888_07 Datasheet
1Mb / 61P
108 dB, 192 kHz 4-In, 8-Out CODEC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com