Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48500 Datasheet (PDF) - Cirrus Logic

CS48500 Datasheet PDF - Cirrus Logic
Part # CS48500
Download  CS48500 Download
File Size   319.53 Kbytes
Page   28 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Cost-effective, High-performance 32-bit DSP

CS48500 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS48500 Datasheet PDF - Cirrus Logic

Part # CS48500
Download  CS48500 Click to download

File Size   319.53 Kbytes
Page   28 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Cost-effective, High-performance 32-bit DSP

CS48500 Datasheet (HTML) - Cirrus Logic


CS48500 Product details

Differentiating from the legacy Cirrus multi-standard, multi channel decoders, this new CS48500 family is still based on the same high-performance 32-bit fixed point DSP Digital Signal Processor core but instead is equipped with much less memory, tailoring it for more cost-effective applications associated with multi-channel and virtual-channel sound enhancements.



FEATURES

❐ Cost-effective, High-performance 32-bit DSP

   — 300,000,000 MAC/S (multiply accumulates per second)

   — Dual MAC cycles per clock

   — 72-bit accumulators are the most accurate in the industry

   — 24k x 32 SRAM, 2k blocks - assignable to data or program

   — Internal ROM contains a variety of configurable sound enhancement feature sets

   — 8-channel internal DMA

   — Internal watch-dog DSP lock-up prevention

❐ DSP Tool Set w/ Private Keys for Protecting Customer IP

❐ Configurable Serial Audio Inputs/Outputs

   — Configurable for all input/output types

   — Maximum 32-bit @ 192 kHz

   — Supports 32-bit audio sample I/O between DSP chips

   — TDM input modes (multiple channels on same line)

   — 192 kHz SPDIF transmitter

   — Multi-channel DSD direct stream digital SACD input

❐ Supports Two Different Input Fs Sample Rates

   — Output can be master or slave

   — Dual processing path capability

   — Input supports dual domain slave clocking

   — Hardware assist time sampling for sample rate conversion

❐ Integrated Clock Manager/PLL

   — Can operate from external crystal, external oscillator

❐ Input Fs Auto Detection

❐ Host & Boot via Serial Interface

❐ Configurable GPIOs and External Interrupt Input

❐ 1.8V Core / 3.3V I/O that are +5V Tolerant

❐ Low-power Mode

   — "Energy-Star Ready" via low-power mode, 350uW in standby



 




Similar Part No. - CS48500

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4852 CIRRUS-CS4852 Datasheet
369Kb / 23P
Cost-effective, High-performance 32-bit DSP
CS48520 CIRRUS-CS48520 Datasheet
369Kb / 23P
Cost-effective, High-performance 32-bit DSP
CS48520 CIRRUS-CS48520 Datasheet
524Kb / 26P
32-bit Audio Decoder DSP Family
CS48520-CQZ CIRRUS-CS48520-CQZ Datasheet
524Kb / 26P
32-bit Audio Decoder DSP Family
CS48520-CQZ CIRRUS-CS48520-CQZ Datasheet
369Kb / 23P
Cost-effective, High-performance 32-bit DSP
More results


Similar Description - CS48500

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C380D SAMSUNG-S3C380D Datasheet
148Kb / 24P
Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
S3C4510B SAMSUNG-S3C4510B Datasheet
2Mb / 422P
Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
16/32 BIT RISC/DSP
logo
Zilog, Inc.
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
Z8 8-Bit Cost-Effective Microcontrollers
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
logo
Cirrus Logic
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
32-bit Audio DSP Family
logo
Tyco Electronics
1EEJ1 MACOM-1EEJ1_11 Datasheet
853Kb / 7P
Cost-effective Medium Performance Power Inlet Filter
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
High performance and cost-effective solution
logo
TE Connectivity Ltd
EEJ TEC-EEJ Datasheet
853Kb / 7P
Cost-effective Medium Performance Power Inlet Filter
logo
Cirrus Logic
CS48520 CIRRUS-CS48520 Datasheet
369Kb / 23P
Cost-effective, High-performance 32-bit DSP
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com