Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHCSSRML.24 Datasheet (PDF) - ams AG

GHCSSRML.24 Datasheet PDF - ams AG
Part # GHCSSRML.24
Download  GHCSSRML.24 Download
File Size   1784.95 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description A brand new family of LEDs with our ams OSRAM’s latest chip technology, delivering significant performance upgrades.

GHCSSRML.24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GHCSSRML.24 Datasheet PDF - ams AG

Part # GHCSSRML.24
Download  GHCSSRML.24 Click to download

File Size   1784.95 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description A brand new family of LEDs with our ams OSRAM’s latest chip technology, delivering significant performance upgrades.

GHCSSRML.24 Datasheet (HTML) - ams AG


GHCSSRML.24 Product details

Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 520 mW
- Radiant Efficiency: typ. 74.3%
- Photon Flux: typ. 2.84 umol/s
- Photon Flux Efficacy: typ. 4.06 umol/J




Similar Part No. - GHCSSRML.24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GHCSSRML.24-UJUM-1-1 OSRAM-GHCSSRML.24-UJUM-1-1 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
More results


Similar Description - GHCSSRML.24

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908EY16A FREESCALE-MC68HC908EY16A Datasheet
3Mb / 292P
a member of the low-cost, high-performance M68HC08 Family of 8-bit
logo
Texas Instruments
PT7602N TI-PT7602N Datasheet
154Kb / 3P
The PT7602 is a new series of high-performance, 10A Integrated
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
ST10F280 is a new member of ST10 family
Sep-2013
AN1453 STMICROELECTRONICS-AN1453 Datasheet
132Kb / 9P
NEW FAMILY OF 150V POWER SCHOTTKY
Jul-2001
TN0885 STMICROELECTRONICS-TN0885 Datasheet
423Kb / 6P
STMicroelectronics has introduced a new package family
23-Mar-2012
AN2777 STMICROELECTRONICS-AN2777 Datasheet
309Kb / 13P
A new high-temperature TRIAC family
24-Apr-2009
logo
Vincotech
10-PZ07NIA075S5-P926F53Y VINCOTECH-10-PZ07NIA075S5-P926F53Y Datasheet
420Kb / 9P
High efficient with latest chip technology
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
STK520 is a New Member of the Successful STK500 Starter Kit Family
logo
Lumileds Lighting Compa...
WP18 LUMILEDS-WP18 Datasheet
419Kb / 4P
Provide a new level of luminaire performance and design flexibility.
logo
List of Unclassifed Man...
6816INS ETC-6816INS Datasheet
4Mb / 2P
Same Klein Quality, brand new design
Rev. 09/22 A
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com