Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHCSSRML.24 Datasheet(PDF) 1 Page - ams AG

Part # GHCSSRML.24
Description  A brand new family of LEDs with our ams OSRAM’s latest chip technology, delivering significant performance upgrades.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GHCSSRML.24 Datasheet(HTML) 1 Page - ams AG

  GHCSSRML.24 Datasheet HTML 1Page - ams AG GHCSSRML.24 Datasheet HTML 2Page - ams AG GHCSSRML.24 Datasheet HTML 3Page - ams AG GHCSSRML.24 Datasheet HTML 4Page - ams AG GHCSSRML.24 Datasheet HTML 5Page - ams AG GHCSSRML.24 Datasheet HTML 6Page - ams AG GHCSSRML.24 Datasheet HTML 7Page - ams AG GHCSSRML.24 Datasheet HTML 8Page - ams AG GHCSSRML.24 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
GH CSSRML.24
DATASHEET
DATASHEET
1 | Version 1.0 | 2022-04-29
www.osram-os.com
GH CSSRML.24
Datasheet
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved


Similar Part No. - GHCSSRML.24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GHCSSRML.24-UJUM-1-1 OSRAM-GHCSSRML.24-UJUM-1-1 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
More results

Similar Description - GHCSSRML.24

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908EY16A FREESCALE-MC68HC908EY16A Datasheet
3Mb / 292P
a member of the low-cost, high-performance M68HC08 Family of 8-bit
logo
Texas Instruments
PT7602N TI-PT7602N Datasheet
154Kb / 3P
The PT7602 is a new series of high-performance, 10A Integrated
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
ST10F280 is a new member of ST10 family
Sep-2013
AN1453 STMICROELECTRONICS-AN1453 Datasheet
132Kb / 9P
NEW FAMILY OF 150V POWER SCHOTTKY
Jul-2001
TN0885 STMICROELECTRONICS-TN0885 Datasheet
423Kb / 6P
STMicroelectronics has introduced a new package family
23-Mar-2012
AN2777 STMICROELECTRONICS-AN2777 Datasheet
309Kb / 13P
A new high-temperature TRIAC family
24-Apr-2009
logo
Vincotech
10-PZ07NIA075S5-P926F53Y VINCOTECH-10-PZ07NIA075S5-P926F53Y Datasheet
420Kb / 9P
High efficient with latest chip technology
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
STK520 is a New Member of the Successful STK500 Starter Kit Family
logo
Lumileds Lighting Compa...
WP18 LUMILEDS-WP18 Datasheet
419Kb / 4P
Provide a new level of luminaire performance and design flexibility.
logo
List of Unclassifed Man...
6816INS ETC-6816INS Datasheet
4Mb / 2P
Same Klein Quality, brand new design
Rev. 09/22 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com