Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBLFLM71.32 Datasheet (PDF) - ams AG

KRTBLFLM71.32 Datasheet PDF - ams AG
Part # KRTBLFLM71.32
Download  KRTBLFLM71.32 Download
File Size   2125.83 Kbytes
Page   28 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This device is especially designed for full color video walls.

KRTBLFLM71.32 Datasheet (PDF)

Go To PDF Page Download Datasheet
KRTBLFLM71.32 Datasheet PDF - ams AG

Part # KRTBLFLM71.32
Download  KRTBLFLM71.32 Click to download

File Size   2125.83 Kbytes
Page   28 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This device is especially designed for full color video walls.

KRTBLFLM71.32 Datasheet (HTML) - ams AG


KRTBLFLM71.32 Product details

Features
- Package: SMD epoxy package, higher contrast by a black surface (RGB-Displays)
- Chip technology: Thinfilm / InGaN on Sapphire
- Typ. Radiation: 110° (horizontal), 110° (vertical)
- Color: λdom = 621 nm (● red); λdom = 525 nm (● true green); λdom = 472 nm (● blue)
- ESD: 500 V acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 1B)





Similar Part No. - KRTBLFLM71.32

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRTBLFLM71.32 OSRAM-KRTBLFLM71.32 Datasheet
2Mb / 28P
This device is especially designed for full color video walls.
Version 1.3 2022-05-31
More results


Similar Description - KRTBLFLM71.32

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
HH-1199-6D JMK-HH-1199-6D Datasheet
204Kb / 1P
This filter was designed especially for power supply modules with power factor correction.
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
887Kb / 14P
This device is designed for high voltage driver applications.
logo
OSRAM GmbH
KRTBEILP41.32 OSRAM-KRTBEILP41.32 Datasheet
968Kb / 29P
Indoor Video Walls
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
Indoor Video Walls
KBHAVPA1.12 OSRAM-KBHAVPA1.12 Datasheet
858Kb / 22P
Video Walls
LRTBGVTG OSRAM-LRTBGVTG Datasheet
681Kb / 27P
video walls
LRTBGVTG OSRAM-LRTBGVTG_18 Datasheet
1Mb / 27P
video walls
KRTBEKLP42.32 OSRAM-KRTBEKLP42.32 Datasheet
672Kb / 27P
Indoor Video Walls
logo
ams AG
KRTBLFLP71.32 AMSCO-KRTBLFLP71.32 Datasheet
1Mb / 31P
This device is especially designed for full color video walls.
Version 1.1 2021-12-06
KRTBID2LM31.31 AMSCO-KRTBID2LM31.31 Datasheet
3Mb / 39P
This device is especially designed for automotive interior applications requesting high dynamic RGB lighting scenarios.
Version 1.0 2023-07-26
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com