Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBID2LM31.31 Datasheet (PDF) - ams AG

KRTBID2LM31.31 Datasheet PDF - ams AG
Part # KRTBID2LM31.31
Download  KRTBID2LM31.31 Download
File Size   3179.8 Kbytes
Page   39 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This device is especially designed for automotive interior applications requesting high dynamic RGB lighting scenarios.

KRTBID2LM31.31 Datasheet (PDF)

Go To PDF Page Download Datasheet
KRTBID2LM31.31 Datasheet PDF - ams AG

Part # KRTBID2LM31.31
Download  KRTBID2LM31.31 Click to download

File Size   3179.8 Kbytes
Page   39 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This device is especially designed for automotive interior applications requesting high dynamic RGB lighting scenarios.

KRTBID2LM31.31 Datasheet (HTML) - ams AG


KRTBID2LM31.31 Product details

Features
- Package: white SMD package, colorless clear silicone resin
- Chip technology: Thinfilm / ThinGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 626 nm (● red); λdom = 533 nm (● true green); λdom = 462 nm (● blue)
- Corrosion Robustness Class: 2B
- Qualifications: AEC-Q102-003 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2); 500 V acc. to JESD22-C101 (CDM,
Class C2)
- Optical measurement data available at two setpoints (10 and 50 mA)
- Serial data communication via open system protocol (OSP)
- Integrated μDriver
- Needs 5V DC supply voltage
- Auto addressing of package inside daisy chain




Similar Part No. - KRTBID2LM31.31

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KRTBI-D2LM31-31 AMSOSRAM-KRTBI-D2LM31-31 Datasheet
3Mb / 40P
OSIRE™ E3731i
Version 1.2 2025-04-30
More results


Similar Description - KRTBID2LM31.31

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
887Kb / 14P
This device is designed for high voltage driver applications.
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
Automotive Interior Lighting
logo
ams AG
KRTBLFLP71.32 AMSCO-KRTBLFLP71.32 Datasheet
1Mb / 31P
This device is especially designed for full color video walls.
Version 1.1 2021-12-06
KRTBLFLM71.32 AMSCO-KRTBLFLM71.32 Datasheet
2Mb / 28P
This device is especially designed for full color video walls.
Version 1.3 2022-05-31
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com