Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBID2LM31.31 Datasheet(PDF) 2 Page - ams AG

Part # KRTBID2LM31.31
Description  This device is especially designed for automotive interior applications requesting high dynamic RGB lighting scenarios.
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

KRTBID2LM31.31 Datasheet(HTML) 2 Page - ams AG

  KRTBID2LM31.31 Datasheet HTML 1Page - ams AG KRTBID2LM31.31 Datasheet HTML 2Page - ams AG KRTBID2LM31.31 Datasheet HTML 3Page - ams AG KRTBID2LM31.31 Datasheet HTML 4Page - ams AG KRTBID2LM31.31 Datasheet HTML 5Page - ams AG KRTBID2LM31.31 Datasheet HTML 6Page - ams AG KRTBID2LM31.31 Datasheet HTML 7Page - ams AG KRTBID2LM31.31 Datasheet HTML 8Page - ams AG KRTBID2LM31.31 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
KRTBI D2LM31.31
DATASHEET
DATASHEET
2 | Version 1.0 | 2023-07-26
OSIRE® E3731i
KRTBI D2LM31.31
This device is especially designed for automotive interior
applications requesting high dynamic RGB lighting scenarios.
This device is an intelligent RGB device, incorporating besides
R/G/B LEDs an IC from ams OSRAM. This embedded IC inte-
grates the drivers for the three R/G/B LEDs. The embedded IC
includes the optical measurement data of the three R/G/B LEDs
as well. An external micro controller can address and control
each device in a daisy chain architecture via an open system
protocol. The open protocol allows the micro controller to read
back these data and to run any color algorithm. It also allows to
read back a temperature value to optimize this color algorithm.
Applications
- Ambient Lighting
Features
- Package: white SMD package, colorless clear silicone resin
- Chip technology: Thinfilm / ThinGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 626 nm (● red); λdom = 533 nm (● true green); λdom = 462 nm (● blue)
- Corrosion Robustness Class: 2B
- Qualifications: AEC-Q102-003 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2); 500 V acc. to JESD22-C101 (CDM,
Class C2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com