Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBI-D2LM31-31 Datasheet (PDF) - ams-OSRAM AG

KRTBI-D2LM31-31 Datasheet PDF - ams-OSRAM AG
Part # KRTBI-D2LM31-31
Download  KRTBI-D2LM31-31 Download
File Size   3263.83 Kbytes
Page   40 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSIRE™ E3731i

KRTBI-D2LM31-31 Datasheet (PDF)

Go To PDF Page Download Datasheet
KRTBI-D2LM31-31 Datasheet PDF - ams-OSRAM AG

Part # KRTBI-D2LM31-31
Download  KRTBI-D2LM31-31 Click to download

File Size   3263.83 Kbytes
Page   40 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSIRE™ E3731i

KRTBI-D2LM31-31 Datasheet (HTML) - ams-OSRAM AG


KRTBI-D2LM31-31 Product details

Applications
- Ambient Lighting
Features
- Package: white SMD package, colorless clear silicone resin
- Chip technology: Thinfilm / ThinGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 626 nm (● red); λdom = 533 nm (● true green); λdom = 462 nm (● blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102-003 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2); 500 V acc. to JESD22-C101 (CDM,
Class C2)
- Optical measurement data available at two setpoints (10 and 50 mA)
- Serial data communication via open system protocol (OSP)
- Integrated μDriver
- Needs 5V DC supply voltage
- Auto addressing of package inside daisy chain




Similar Part No. - KRTBI-D2LM31-31

ManufacturerPart #DatasheetDescription
logo
ams AG
KRTBID2LM31.31 AMSCO-KRTBID2LM31.31 Datasheet
3Mb / 39P
This device is especially designed for automotive interior applications requesting high dynamic RGB lighting scenarios.
Version 1.0 2023-07-26
More results


Similar Description - KRTBI-D2LM31-31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
logo
3M Electronics
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
3M Electronics
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
logo
Infineon Technologies A...
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
logo
ams AG
KRTBDWLM32.32 AMSCO-KRTBDWLM32.32 Datasheet
2Mb / 33P
The OSIRE E3323 is designed for automotive ambient applications.
Version 1.3 2023-03-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com