Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBRQ7WM.02 Datasheet (PDF) - ams AG

LEBRQ7WM.02 Datasheet PDF - ams AG
Part # LEBRQ7WM.02
Download  LEBRQ7WM.02 Download
File Size   2328.18 Kbytes
Page   26 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Compact light source in SMT technology, glass window on top, RoHS compliant

LEBRQ7WM.02 Datasheet (PDF)

Go To PDF Page Download Datasheet
LEBRQ7WM.02 Datasheet PDF - ams AG

Part # LEBRQ7WM.02
Download  LEBRQ7WM.02 Click to download

File Size   2328.18 Kbytes
Page   26 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Compact light source in SMT technology, glass window on top, RoHS compliant

LEBRQ7WM.02 Datasheet (HTML) - ams AG


LEBRQ7WM.02 Product details

Features
- Package: compact lightsource in SMT technology with glass window on top
- Chip technology: Thinfilm / UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 460 nm (● blue); λdom = 617 nm (● red)
- Corrosion Robustness Class: 3B
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LEBRQ7WM.02

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEBRQ7WM.03 OSRAM-LEBRQ7WM.03 Datasheet
2Mb / 25P
Compact light source in SMT technology, glass window on top, RoHS compliant
Version 1.1 2023-12-28
LEBRQ7WM.0A OSRAM-LEBRQ7WM.0A Datasheet
2Mb / 28P
Compact light source in SMT technology, glass window on top, RoHS compliant
Version 1.1 2024-01-04
More results


Similar Description - LEBRQ7WM.02

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAQ9WN OSRAM-LEAQ9WN Datasheet
827Kb / 20P
Compact light source in SMT technology, glass window on top, RoHS compliant
LEAQ9WP OSRAM-LEAQ9WP Datasheet
785Kb / 20P
Compact light source in SMT technology, glass window on top, RoHS compliant...
LEBQ9WP OSRAM-LEBQ9WP Datasheet
976Kb / 20P
Compact light source in SMT technology, glass window on top, RoHS compliant..
LEACWUWVS2WJZLX-1 OSRAM-LEACWUWVS2WJZLX-1 Datasheet
1Mb / 23P
compact lightsource in SMT technology with glass window on top
LEAQ7WP-NXPX-23 OSRAM-LEAQ7WP-NXPX-23 Datasheet
766Kb / 21P
compact lightsource in SMT technology with glass window on top
LEATBN7WM OSRAM-LEATBN7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LEBQ9WN-4U4V-24 OSRAM-LEBQ9WN-4U4V-24 Datasheet
697Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-A-Q9WN OSRAM-LE-A-Q9WN Datasheet
664Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-UW-Q9WP OSRAM-LE-UW-Q9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com