Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBRQ7WM.0A Datasheet (PDF) - OSRAM GmbH

LEBRQ7WM.0A Datasheet PDF - OSRAM GmbH
Part # LEBRQ7WM.0A
Download  LEBRQ7WM.0A Download
File Size   2337.39 Kbytes
Page   28 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Compact light source in SMT technology, glass window on top, RoHS compliant

LEBRQ7WM.0A Datasheet (PDF)

Go To PDF Page Download Datasheet
LEBRQ7WM.0A Datasheet PDF - OSRAM GmbH

Part # LEBRQ7WM.0A
Download  LEBRQ7WM.0A Click to download

File Size   2337.39 Kbytes
Page   28 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Compact light source in SMT technology, glass window on top, RoHS compliant

LEBRQ7WM.0A Datasheet (HTML) - OSRAM GmbH


LEBRQ7WM.0A Product details

Features
- Package: compact lightsource in SMT technology with glass window on top
- Chip technology: Thinfilm / UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 456 nm (● blue); λdom = 617 nm (● red)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LEBRQ7WM.0A

ManufacturerPart #DatasheetDescription
logo
ams AG
LEBRQ7WM.02 AMSCO-LEBRQ7WM.02 Datasheet
2Mb / 26P
Compact light source in SMT technology, glass window on top, RoHS compliant
Version 1.0 2022-03-15
logo
OSRAM GmbH
LEBRQ7WM.03 OSRAM-LEBRQ7WM.03 Datasheet
2Mb / 25P
Compact light source in SMT technology, glass window on top, RoHS compliant
Version 1.1 2023-12-28
More results


Similar Description - LEBRQ7WM.0A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAQ9WN OSRAM-LEAQ9WN Datasheet
827Kb / 20P
Compact light source in SMT technology, glass window on top, RoHS compliant
LEAQ9WP OSRAM-LEAQ9WP Datasheet
785Kb / 20P
Compact light source in SMT technology, glass window on top, RoHS compliant...
LEBQ9WP OSRAM-LEBQ9WP Datasheet
976Kb / 20P
Compact light source in SMT technology, glass window on top, RoHS compliant..
LEACWUWVS2WJZLX-1 OSRAM-LEACWUWVS2WJZLX-1 Datasheet
1Mb / 23P
compact lightsource in SMT technology with glass window on top
LEATBN7WM OSRAM-LEATBN7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LEBQ9WN-4U4V-24 OSRAM-LEBQ9WN-4U4V-24 Datasheet
697Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-A-Q9WN OSRAM-LE-A-Q9WN Datasheet
664Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-UW-Q9WP OSRAM-LE-UW-Q9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
logo
ams AG
LEBRQ7WM.02 AMSCO-LEBRQ7WM.02 Datasheet
2Mb / 26P
Compact light source in SMT technology, glass window on top, RoHS compliant
Version 1.0 2022-03-15
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com