Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C513 Datasheet (PDF) - Intel Corporation

27C513 Datasheet PDF - Intel Corporation
Part # 27C513
Download  27C513 Download
File Size   912.26 Kbytes
Page   15 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description PAGE-ADDRESSED 512K (4 x 16K x 8) UV ERASABLE PROM

27C513 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C513 Datasheet PDF - Intel Corporation

Part # 27C513
Download  27C513 Click to download

File Size   912.26 Kbytes
Page   15 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description PAGE-ADDRESSED 512K (4 x 16K x 8) UV ERASABLE PROM

27C513 Datasheet (HTML) - Intel Corporation




Similar Part No. - 27C513

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
27C512 STMICROELECTRONICS-27C512 Datasheet
397Kb / 22P
512 Kbit 64Kb x8 UV EPROM and OTP EPROM
08-Nov-2004
logo
SYC Electronica
27C512 SYC-27C512 Datasheet
155Kb / 14P
512K (64K x 8) UV EPROM and OTP EPROM
logo
Macronix International
27C512-10 MCNIX-27C512-10 Datasheet
759Kb / 15P
512K-BIT [64Kx8] CMOS EPROM
27C512-12 MCNIX-27C512-12 Datasheet
759Kb / 15P
512K-BIT [64Kx8] CMOS EPROM
logo
STMicroelectronics
27C512-120 STMICROELECTRONICS-27C512-120 Datasheet
397Kb / 22P
512 Kbit 64Kb x8 UV EPROM and OTP EPROM
08-Nov-2004
More results


Similar Description - 27C513

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2532 MOTOROLA-MCM2532 Datasheet
208Kb / 6P
4096 x 8-BIT UV ERASABLE PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
32k-Bit (4k x 8) UV Erasable PROM
logo
Intel Corporation
M27256 INTEL-M27256 Datasheet
554Kb / 9P
256K(32K x 8) UV ERASABLE PROM
M2764A INTEL-M2764A Datasheet
622Kb / 9P
AVDVANCED 64K (8K x 8) UV ERASABLE PROM
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
32K (4K X 8) UV ERASABLE PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Intel Corporation
M2716 INTEL-M2716 Datasheet
400Kb / 7P
16K (2K x 8) UV ERASABLE PROM
M27128A INTEL-M27128A Datasheet
555Kb / 9P
Advanced 128K(16 x 8) UV Erasable PROM
logo
National Semiconductor ...
NMC27C128B NSC-NMC27C128B Datasheet
366Kb / 10P
High Speed Version 131,072-Bit(16k x 8) UV Erasable CMOS PROM
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com