Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1612 Datasheet (PDF) - Holtek Semiconductor Inc

HT1612 Datasheet PDF - Holtek Semiconductor Inc
Part # HT1612
Download  HT1612 Download
File Size   627.37 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Timer with Dialer Interface

HT1612 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1612 Datasheet PDF - Holtek Semiconductor Inc

Part # HT1612
Download  HT1612 Click to download

File Size   627.37 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Timer with Dialer Interface

HT1612 Datasheet (HTML) - Holtek Semiconductor Inc


HT1612 Product details

General Description

The HT1612 is a CMOS chip designed for dialer interface which drives 8 or 10 digits LCD. Various functions, such as displaying dialing number and conversation time, are provided.

It normally shows blanks. The timer is started to tell users how long the conversation time has been taken when answering a telephone call.

After hanging up the telephone, it returns to show blanks immediately. Whenever makeing a phone call, the HT1612 receives dialing data from the dialer and displays the phone number from left to right on the LCD. However, if there is no dialing action within 10 seconds, it restarts the timer again. By adding a TIMER key, the HT1612 can provide the timer reset/hold functions (refer to functional description for more details).



Features

• Operating voltage: 1.2V~1.7V

• Dialing number and conversation time display

• Conversation timer (Max. to 59 mins and 59 secs)

• Operation current: 10µA (Typ.)

• 32768Hz crystal

• 8 or 10 digits LCD display driver, 3V, 1/2 bias, 1/3 duty (8 digits hand-held calculator LCD is used for 8 digits application)

• Built-in dialer interface



Applications

• Timers

• LCD display drivers

• Telephone display interface

• Instrument display



 




Similar Part No. - HT1612

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1611C HOLTEK-HT1611C Datasheet
194Kb / 13P
Timer with Dialer Interface
August 17, 2001
HT1613C HOLTEK-HT1613C Datasheet
194Kb / 13P
Timer with Dialer Interface
August 17, 2001
HT1616C HOLTEK-HT1616C Datasheet
211Kb / 13P
Timer with Dialer Interface
September 13, 2001
logo
ARTSCHIP ELECTRONICS CO...
HT1618 ARTSCHIP-HT1618 Datasheet
216Kb / 5P
LED Driver
More results


Similar Description - HT1612

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2425A SAMSUNG-KA2425A Datasheet
91Kb / 6P
SPEECH NETWORK WITH DIALER INTERFACE
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
SPEECH NETWORK WITH DIALER INTERFACE
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
SPEECH NETWORK WITH DIALER INTERFACE
S1T8501 SAMSUNG-S1T8501 Datasheet
61Kb / 6P
SPEECH NETWORK WITH DIALER INTERFACE
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
Telephone Speech Network with Dialer Interface
logo
Holtek Semiconductor In...
HT1611C HOLTEK-HT1611C Datasheet
194Kb / 13P
Timer with Dialer Interface
August 17, 2001
HT1616C HOLTEK-HT1616C Datasheet
211Kb / 13P
Timer with Dialer Interface
September 13, 2001
HT1613C HOLTEK-HT1613C Datasheet
194Kb / 13P
Timer with Dialer Interface
August 17, 2001
logo
List of Unclassifed Man...
M1613 ETC1-M1613 Datasheet
105Kb / 2P
Timer with Dialer Interface
logo
Samsung semiconductor
KA8504 SAMSUNG-KA8504 Datasheet
55Kb / 4P
SPEECH NETWORK WITH DIALER INTERFACE
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com