Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1612 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1612
Description  Timer with Dialer Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1612 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1612 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pad Coordinates
Unit: mil
Pad No.
X
Y
Pad No.
X
Y
Pad No.
X
Y
1
–61.92
41.65
18
–18.66
–60.80
35
61.63
39.46
2
–61.92
33.98
19
4.72
–60.80
36
61.63
47.60
3
–61.92
26.30
20
12.36
–60.80
37
61.63
55.79
4
–61.92
17.85
21
20
–60.80
38
41.78
61.14
5
–61.92
10.95
22
34.98
–60.46
39
33.62
61.14
6
–61.92
3.17
23
50.02
–60.46
40
25.46
61.14
7
–61.92
–4.53
24
61.67
–60.80
41
17.30
61.14
8
–61.92
–12.22
25
61.63
–42.18
42
9.14
61.14
9
–61.92
–19.96
26
61.63
–33.98
43
0.98
61.14
10
–61.92
–27.60
27
61.63
–25.82
44
–7.18
61.14
11
–61.92
–35.26
28
61.63
–17.66
45
–15.34
61.14
12
–61.92
–42.95
29
61.63
–9.50
46
–23.50
61.14
13
–61.92
–52.26
38
61.63
–1.34
47
–31.66
61.14
14
–57.80
–60.80
39
61.63
6.80
48
–39.82
61.14
15
–45.90
–60.80
31
61.63
14.98
49
–47.98
61.14
16
–36.50
–60.80
32
61.63
23.14
50
–56.14
61.14
17
–28.86
–60.80
33
61.63
31.30
Pad Description
Pad Name
I/O
Internal
Connection
Description
SEG1~SEG30
O
CMOS OUT
LCD segement signal output pads
COM1~COM3
O
CMOS OUT
LCD common signal output pads
HK
I
CMOS IN
Pull-High
Hook switch detector input
Active low
X2
O
OSCILLATOR 32768Hz crystal oscillator output
X1
I
OSCILLATOR 32768Hz crystal oscillator input
T2
I
CMOS IN
Pull-High
Test pad (connected to VSS for production test)
T1
I
CMOS IN
Pull-High
Test pad (connected to VSS for production test)
INT
O
NMOS OUT
Interrupt output, 8 or 16Hz by mask option
TIMER
I
CMOS IN
Pull-Low
Timer reset and start/hold toggle control input pad
HT1612
3
5th July ’95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com