Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1612 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT1612
Description  Timer with Dialer Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1612 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT1612 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 14Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
For instrument or
µC use (1.5V supply)
∗ The IC substrate should be connected to VDD in the PCB layout artwork.
Note:
1. To drive the SK, DI, and HK pin, an open drain NMOS output structure is recommended.
2. To drive the SK, DI and HK pin with CMOS output structure, a voltage divider is needed
(R=4.3K, R1=10K).
HT1612
11
5th July ’95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com