Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA-32063 Datasheet (PDF) - Agilent(Hewlett-Packard)

INA-32063 Datasheet PDF - Agilent(Hewlett-Packard)
Part # INA-32063
Download  INA-32063 Download
File Size   80.92 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 3.0 GHz Wideband Silicon RFIC Amplifier

INA-32063 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA-32063 Datasheet PDF - Agilent(Hewlett-Packard)

Part # INA-32063
Download  INA-32063 Click to download

File Size   80.92 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 3.0 GHz Wideband Silicon RFIC Amplifier

INA-32063 Datasheet (HTML) - Agilent(Hewlett-Packard)


INA-32063 Product details

Description
Agilent’s INA-32063 is a Silicon RFIC amplifier that offers excellent gain and output power for applications to 3.0 GHz. Packaged in an ultraminiature SOT-363 package, it requires half of the board space of a SOT-143 package.

Features
• 17 dB Gain at 1.9 GHz
• +3 dBm P1 dB at 1.9 GHz
• Single +3V Supply
• Unconditionally Stable

Applications
• LO Buffer and Driver Amplifier for Cellular, Cordless, Special Mobile Radio, PCS, ISM, Wireless LAN, DBS, TVRO, and TV Tuner




Similar Part No. - INA-32063

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-30311 HP-INA-30311 Datasheet
75Kb / 6P
1 GHz Low Noise Silicon MMIC Amplifier
INA-30311-BLK HP-INA-30311-BLK Datasheet
75Kb / 6P
1 GHz Low Noise Silicon MMIC Amplifier
INA-30311-TR1 HP-INA-30311-TR1 Datasheet
75Kb / 6P
1 GHz Low Noise Silicon MMIC Amplifier
More results


Similar Description - INA-32063

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ABA-31563 HP-ABA-31563 Datasheet
103Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563 HP-ABA-51563 Datasheet
103Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-32563 HP-ABA-32563 Datasheet
109Kb / 8P
2.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 HP-ABA-52563 Datasheet
96Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-53563 HP-ABA-53563 Datasheet
108Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-51563 AVAGO-ABA-51563 Datasheet
366Kb / 7P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 AVAGO-ABA-52563 Datasheet
768Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-54563 AVAGO-ABA-54563 Datasheet
247Kb / 10P
3.4 GHz Broadband Silicon RFIC Amplifier
ABA-32563 AVAGO-ABA-32563 Datasheet
302Kb / 7P
2.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-52563 BOARDCOM-ABA-52563 Datasheet
768Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com