Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1977 Datasheet (PDF) - Linear Technology

LT1977 Datasheet PDF - Linear Technology
Part # LT1977
Download  LT1977 Download
File Size   274.41 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current

LT1977 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1977 Datasheet PDF - Linear Technology

Part # LT1977
Download  LT1977 Click to download

File Size   274.41 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current

LT1977 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1977

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1977 LINER-LT1977 Datasheet
350Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching
LT1977 LINER-LT1977 Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
More results


Similar Description - LT1977

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1976 LINER-LT1976 Datasheet
797Kb / 24P
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
1.5A, 500kHz Step-down Voltage Regulator
logo
Linear Technology
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3435 LINER-LT3435 Datasheet
319Kb / 24P
High Voltage 3A, 500kHz Step-Down Switching Regulator with 100짰 Quiescent Current
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT3435 LINER-LT3435_15 Datasheet
325Kb / 24P
High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com