Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1572 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM1572 Datasheet PDF - National Semiconductor (TI)
Part # LM1572
Download  LM1572 Download
File Size   584.42 Kbytes
Page   17 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 1.5A, 500kHz Step-down Voltage Regulator

LM1572 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1572 Datasheet PDF - National Semiconductor (TI)

Part # LM1572
Download  LM1572 Click to download

File Size   584.42 Kbytes
Page   17 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 1.5A, 500kHz Step-down Voltage Regulator

LM1572 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM1572

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM1575 NSC-LM1575 Datasheet
848Kb / 28P
SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM1575 TI-LM1575 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM1575 TI-LM1575 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
Simple Switcher 1A Step-Down Voltage Regulator
More results


Similar Description - LM1572

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1956EFE-5 LINER-LT1956EFE-5 Datasheet
288Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down
LT1956EGN LINER-LT1956EGN Datasheet
288Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com