Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1572 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1572
Description  1.5A, 500kHz Step-down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1572 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1572 Datasheet HTML 1Page - National Semiconductor (TI) LM1572 Datasheet HTML 2Page - National Semiconductor (TI) LM1572 Datasheet HTML 3Page - National Semiconductor (TI) LM1572 Datasheet HTML 4Page - National Semiconductor (TI) LM1572 Datasheet HTML 5Page - National Semiconductor (TI) LM1572 Datasheet HTML 6Page - National Semiconductor (TI) LM1572 Datasheet HTML 7Page - National Semiconductor (TI) LM1572 Datasheet HTML 8Page - National Semiconductor (TI) LM1572 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Typical Applications (Fixed/Adjustable Voltage Parts) (Continued)
20033314
Connection Diagram
20033315
16-Lead TSSOP
NS Package Number MTC16
Pin Description
BOOT (Pin 1) - Bootstrap pin. It provides the upper rail for
the floating driver stage of the internal MOSFET switch, the
lower rail being the switching node (Pins 5 and 6). A small
decoupling capacitor (typically 0.1µF-0.22µF) is therefore
connected between the Bootstrap pin and the switching
node. This capacitor should be 0.18µF-0.22µF for applica-
tions with an output voltage greater than 3.3V, if the mini-
mum load (including the current drawn by internal/external
feedback resistor divider) is less than 1mA. Additional drive
voltage is provided by connecting this pin directly to the 5V
output rail via a diode as shown in the Typical Application
Circuit for the fixed voltage part. The same method can be
used for an adjustable part provided the part is adjusted for
an output of 5V. For other output voltages (between 2.42V to
5V) a more general method of providing this external drive
voltage is illustrated in the Typical Application Circuit for the
adjustable part. Note that the NPN signal transistor shown,
must have a guaranteed hfe greater than 400. Damage can
occur to Pin 1 if it is connected (via a diode) to any external
voltage source greater than 6V.
AV
IN (Pin 2) - This is the Analog VIN and provides the supply
to the internal control circuitry, the (Power) V
IN pins (Pins
3,4) providing the supply to the internal power stage. In the
simplest layout scheme, the Analog V
IN pin can simply be
connected to the V
IN pins directly on the pads where the IC
is mounted. But for better noise rejection the trace to Pin 2
can be routed separately from the (Power) V
IN trace, starting
from the positive terminal of the input capacitor. A simple RC
filter solution can also be used for better results, particularly
at low input voltages. This consists of a 10
Ω resistor con-
nected between Analog V
IN and VIN, and a 0.47µF capacitor
between Analog V
IN and Ground. Note that if this RC filter is
used, a 1M
Ω resistor between Pin 1 and Ground is also
required.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com