Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1572 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1572
Description  1.5A, 500kHz Step-down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1572 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM1572 Datasheet HTML 9Page - National Semiconductor (TI) LM1572 Datasheet HTML 10Page - National Semiconductor (TI) LM1572 Datasheet HTML 11Page - National Semiconductor (TI) LM1572 Datasheet HTML 12Page - National Semiconductor (TI) LM1572 Datasheet HTML 13Page - National Semiconductor (TI) LM1572 Datasheet HTML 14Page - National Semiconductor (TI) LM1572 Datasheet HTML 15Page - National Semiconductor (TI) LM1572 Datasheet HTML 16Page - National Semiconductor (TI) LM1572 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Information (Continued)
It can be shown that this protection feature is vital to avoiding
overstress during overload and even under normal startup/
powerup.
Consider what happens if the output of a buck converter is at
zero volts with the maximum input voltage applied at the
input. This ’zero output volts’ condition represents the natural
initial condition at normal powerup/startup but could also be
a forced condition in the form of an output short. Then for the
LM1572, almost the full input of 16V can find iself across the
inductor during the on time of the switch. During the off time,
the voltage across the inductor reverses but the magnitude
of this voltage is only 0.5V (which comes from the ’typical’
Schottky forward drop).This leads to the problem: depite
having a ’current limit’, in fact there is absolutely no effective
current limit in this condition. Because if the switch turns on,
it has a minimum pulse width of about 300ns before it can
actually respond to any information about having exceeded
the current limit. This minimum pulse width is unavoidable
due to various internal delays, propagation intervals, and
also the internal blanking time carefully set for rejection of
transition noise, as required with current mode control.
Therefore using V=L*dI/dt is can be shown that for a switch-
ing frequency of 500kHz, and say with an inductance of
8.2µH, the current ramps up by about 0.58A during the
minimum switch on time of 0.3µs. During the off time of
1.7µs, it ramps down, but only by about 0.1A. Therefore the
current peak will incrementally increase or staircase up-
wards by a net 0.48A every cycle. And in a few cycles this
could blow the switch. Increasing the inductance will not
help, as it will only affect the rate of the current staircasing,
not necessarily its peak. In the absence of any other effec-
tive measure, the only way out in the current situation is to
’hope and pray’ that the the output voltage rises fast enough
before damage occurs. For a normal power up, the output
rail would rise eventually, at a rate which would be depen-
dent on the value of the output capacitance. However for a
short on the output, it would never rise. In either case we
have a potentially destructive situation. Now it can also be
shown that if the frequency was immediately reduced to
100kHz following the ’zero output volts’ condition, the off
time is increased to 10-0.3=9.7µs. This will cause the calcu-
lated current ramp-down to be 0.59A instead of 0.1A. Since
this is greater than the current ramp-up of 0.58A the current
will actually return to zero every cycle, and there will be no
staircasing. This is how the LM1572 frequency foldback
protection works, thus avoiding this potentially dangerous
condition altogether. We consider the two possible situations
for ’zero output volts condition’ in more detail below, to
understand it better.
By definition, an ’overload’ is where the switch current limit
has been reached, and then any attempt to increase the load
further, causes the output voltage rail to ’droop’, though the
load current remains virtually constant during this time. If an
attempt is made to increase the load even further, the volt-
age on the feedback pin will fall low enough to cause the
LM1572 to start lowering its switching frequency. At the
same time the output of the error amplifier clamps high (at
2V), and this causes the LM1572 to suddenly reduce the
on-time to the minimum pulse width. The foldback frequency
is now 100 kHz, and with this minimum pulse width, the
effective duty cycle is 3%. It can be easily shown by calcu-
lation that at the highest input voltage (worst case), assum-
ing a typical Schottky catch diode drop, a 3% duty cycle
produces a very low (almost zero) output voltage (ignoring
switch voltage drop here). However if the frequency had
remained at 500 kHz, the duty cycle would have been 15%,
and this would have led to a calculated output voltage of
(16*0.15)-0.5=2V, though we are forcing the output to zero.
This therefore represents a ’struggle’, which manifests itself
as an overstress condition. In this condition parasitics like
inductor winding resistance etc. will be called upon to control
the situation, and to stabilize the situation. For the lower
frequency case, with a duty cycle of 3%, since the calculated
output voltage is commensurate with the external condition
of a short-circuit on the output, the converter does not
’struggle’ to maintain this condition. However even with the
foldback protection as it is present on the LM1572, the
Designer is cautioned that the actual load current which can
flow with a short-circuit on the output, depends on various
factors. For example, high current Schottky diodes will be
found to lead to higher short-circuit currents than modestly
rated diodes. This is because it can be shown that if the
diode drop is lower than ’typical’ (as is the case for for high
current diodes), it requires a duty cycle even lower than 3%
to keep the calculated output voltage really close to ’zero’.
Therefore it may not be a good idea for example, to use say
a 5A/30V Schottky diode for a 1.5A application. The selected
diode in the typical application circuit is correctly sized to be
a 2A/30V Schottky from IRF.
Under startup, the frequency foldback effectively limits the
inrush current spike. The soft start feature, acting on its own,
cannot suppress the current spike at all. The role of softstart
is to gradually raise the duty cycle and thereby to bring up
the output rail slowly. But the inrush spike, which is mainly
the initial charging current of the output capacitors, occurs at
the moment of application of input power, even before the
voltage across the output capacitors has really started to rise
significantly. At this instant, soft start would call out for mini-
mum on time, but as seen above, this is just not enough to
limit the current. However, with foldback of frequency to
100kHz, the startup duty cycle falls from 15% to 3%. This
leaves enough off time for the current to subside every cycle,
as explained above, and there is no cumulative current
buildup, or ’staircasing’.
Layout Guidelines
Refer to the sample PCB layout provided. The Bill of Material
is also provided. The board is based on the schematic in
’Typical Applications’ for the fixed voltage part. The design is
based on the worked example presented in this datasheet.
The input voltage can vary between 8.5V to 16V. The output
rail is 5V and the peak current is 1.5A. The inductor is
however sized to handle only 1A continuous current. If
higher continuous rating is required (this depends on ambi-
ent temperature range too), an appropriately rated inductor,
possibly a higher series from the same vendor (keeping
inductance unchanged) can be selected.
Considering the critical aspects of the layout, it is recom-
mended that the routing and positioning of the 0.1µF input
decoupling capactor, C2, be kept the same as shown, and
also the catch diode D1. The rest are not critical, and may be
changed. Note however that the trace to the feedback pin is
routed through the quiet ground plane on the bottom side.
This helps prevent noise pickup and maintain correct output
voltage. Note that vias are provided, for example directly
below the IC to the ground plane, and this helps not only in
transferring heat to the other side of the board, but refer-
ences the IC ground directly to the ground plane.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com