Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6302 Datasheet (PDF) - Princeton Technology Corp

PT6302 Datasheet PDF - Princeton Technology Corp
Part # PT6302
Download  PT6302 Download
File Size   230.11 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description VFD Driver/Controller IC with Character RAM

PT6302 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6302 Datasheet PDF - Princeton Technology Corp

Part # PT6302
Download  PT6302 Click to download

File Size   230.11 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description VFD Driver/Controller IC with Character RAM

PT6302 Datasheet (HTML) - Princeton Technology Corp


PT6302 Product details

DESCRIPTION

PT6302 is a dot matrix VFD Driver/Controller IC utilizing CMOS Technology specially designed to display characters, numerals, and symbols. PT6302 provides 35 dot matrix, 2 additional segment drivers and 16 grid drivers. 248 types of character data (CGROM), 8 types of character data (CGRAM), 16 display digits x 2 bits symbol data, 16 display digits x 8 bits register for character data display and 2 general output bits for static operation are provided. Pin assignments and application circuit are optimized for easy PCB layout and cost saving advantages.



FEATURES

• CMOS technology

• Logic power supply: VDD=3.3V±10% or 5.0V±10%

• VFD drive power supply: VEE=-20V to -35V

• Built-in oscillation circuit (External RC)

• One-byte instruction execution (not including Data Write to RAM)

• Microcontroller interface

• Display contents:

  - Character generator ROM (CGROM): 5x7 Dots (248 Character data types)

  - Character generator RAM (CGRAM): 5x7 Dots (8 Character data types)

  - Additional data RAM (ADRAM): 16 Display digits x 2 Bits (Symbol data)

  - Data control RAM (DCRAM): 16 Display digits x 8 Bits (Character data display register)

  - General output port: 2 bits (Static operation)

• Display control function:

  - Display digits: 9 to 16 digits

  - Display duty (Contrast adjustment): 8 stages

  - All display lights: ON/OFF mode



APPLICATIONS

• Microcontroller peripheral device

• Audio/Video equipment




Similar Part No. - PT6302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6302 TI-PT6302 Datasheet
188Kb / 8P
3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
logo
Princeton Technology Co...
PT6302 PTC-PT6302 Datasheet
1Mb / 27P
VFD Driver/Controller IC with Character RAM
logo
Texas Instruments
PT6302A TI-PT6302A Datasheet
188Kb / 8P
3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
PT6302A TI-PT6302A Datasheet
166Kb / 6P
3 Amp Adjustable Positive Step-down Integrated Switching Regulators
PT6302B TI-PT6302B Datasheet
188Kb / 8P
3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results


Similar Description - PT6302

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16314 NEC-UPD16314 Datasheet
312Kb / 8P
DOT CHARACTER VFD CONTROLLER/DRIVER
logo
Princeton Technology Co...
PT6351 PTC-PT6351 Datasheet
53Kb / 3P
VFD Driver/Controller IC
PT6314 PTC-PT6314 Datasheet
1Mb / 49P
Dot Character VFD Controller/Driver IC
logo
Holtek Semiconductor In...
HT16514 HOLTEK-HT16514 Datasheet
659Kb / 39P
Dot Character VFD Controller & Driver
October 4, 2006
logo
Princeton Technology Co...
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
VFD Driver/Controller IC
PT6302 PTC-PT6302_10 Datasheet
1Mb / 27P
VFD Driver/Controller IC with Character RAM
PT6314 PTC-PT6314_10 Datasheet
1Mb / 42P
Dot Character VFD Controller/Driver IC
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
VFD Driver/Controller IC
logo
Holtek Semiconductor In...
HT16528 HOLTEK-HT16528 Datasheet
1Mb / 40P
Dot Character VFD Controller & Driver
logo
Princeton Technology Co...
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
VFD Driver/Controller IC
V1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com