Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1504A Datasheet (PDF) - Belden Inc.

1504A Datasheet PDF - Belden Inc.
Part # 1504A
Download  1504A Download
File Size   192.83 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, #22-2pr, TC, O/A Foil, CM

1504A Datasheet (PDF)

Go To PDF Page Download Datasheet
1504A Datasheet PDF - Belden Inc.

Part # 1504A
Download  1504A Click to download

File Size   192.83 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, #22-2pr, TC, O/A Foil, CM

1504A Datasheet (HTML) - Belden Inc.


1504A Product details

Product Description
Audio Cable, CM-Rated, 2-22 AWG stranded tinned copper pairs with PVC insulation, Beldfoil® shield, drain, PVC jacket, parallel construction




Similar Part No. - 1504A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1504A0532000 ETC2-1504A0532000 Datasheet
102Kb / 3P
22 AWG stranded (19x34) TC conductors, PVC insulation, dual twisted pairs
1504A053U1000 ETC2-1504A053U1000 Datasheet
102Kb / 3P
22 AWG stranded (19x34) TC conductors, PVC insulation, dual twisted pairs
1504AA5Q2000 ETC2-1504AA5Q2000 Datasheet
102Kb / 3P
22 AWG stranded (19x34) TC conductors, PVC insulation, dual twisted pairs
1504AA5QU1000 ETC2-1504AA5QU1000 Datasheet
102Kb / 3P
22 AWG stranded (19x34) TC conductors, PVC insulation, dual twisted pairs
1504AG04U1000 ETC2-1504AG04U1000 Datasheet
102Kb / 3P
22 AWG stranded (19x34) TC conductors, PVC insulation, dual twisted pairs
More results


Similar Description - 1504A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8451 BELDEN-8451 Datasheet
270Kb / 2P
Audio & Instrumentation, 1 Pair 22 AWG, TC, O/A Foil, CM
1269A BELDEN-1269A Datasheet
153Kb / 2P
POS Cable, #22-2pr, TC, FEP, O/A Foil90% TC Braid, FEP Jkt, CMP
01-20-2023
9184 BELDEN-9184 Datasheet
163Kb / 2P
Audio, Control & Instrument, #22-2pr, FPO, O/A Foil, PVC Jkt, CM
05-05-2023
89855 BELDEN-89855 Datasheet
153Kb / 2P
POS Cable, #22-2pr, TC, FEP, O/A Foil55% TC Braid, FEP Jkt, CMP
05-05-2023
9855 BELDEN-9855 Datasheet
144Kb / 2P
POS Cable, #22-2pr, TC, PO, O/A Foil55% TC Braid, PVC Jkt, CM
05-05-2023
1266A BELDEN-1266A Datasheet
175Kb / 2P
Audio Cable, #22-2c, TC, O/A Foil, CM
03-31-2023
8450 BELDEN-8450 Datasheet
145Kb / 2P
Audio & Instrumentation, #22-1pr, TC, O/A Foil, CM
01-20-2023
8737 BELDEN-8737 Datasheet
161Kb / 2P
Audio Cable, #22-1pr, TC, O/A Braid, CM
01-20-2023
9180 BELDEN-9180 Datasheet
163Kb / 2P
Audio Cable, #26-1pr, TC, O/A Foil, CM
01-20-2023
1508A BELDEN-1508A Datasheet
176Kb / 2P
Audio Cable, #24-2c, TC, O/A Foil, CM
03-04-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com