Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPA601C025D Datasheet (PDF) - WOLFSPEED, INC.

CMPA601C025D Datasheet PDF - WOLFSPEED, INC.
Part # CMPA601C025D
Download  CMPA601C025D Download
File Size   2511.17 Kbytes
Page   20 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 6 - 12 GHz, 40 W GaN HPA

CMPA601C025D Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA601C025D Datasheet PDF - WOLFSPEED, INC.

Part # CMPA601C025D
Download  CMPA601C025D Click to download

File Size   2511.17 Kbytes
Page   20 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 6 - 12 GHz, 40 W GaN HPA

CMPA601C025D Datasheet (HTML) - WOLFSPEED, INC.


CMPA601C025D Product details

Description
Wolfspeed's CMPA601C025D is a 40W MMIC HPA utilizing Wolfspeed's high performance, 0.25um
GaN on SiC production process. The CMPA601C025D operates from 6-12 GHz and supports both
defense and commercial-related radar and electronic warfare applications. The CMPA601C025D
achieves 40 W of saturated output power with 25 dB of large signal gain and typically 30% power-
added efficiency under CW operation.
The CMPA601C025D provides superior, broadband performance allowing customers to improve
SWaP-C benchmarks in their their next-generation systems.
Features Applications
• Psat: 10 W
• PAE: 40 %
• LSG: 12 dB
• S21: 19 dB
• S11: -11 dB
• S22: -8 dB
• CW operation
Applications
• Military and Commercial Radar
• Electronic Warfare
• Test and Measurement
• General Amplification




Similar Part No. - CMPA601C025D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
More results


Similar Description - CMPA601C025D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV1A250F WOLFSPEED-CGHV1A250F Datasheet
1Mb / 17P
8.8 - 9.6 GHz, 300 W GaN HPA
Rev. 0.0 July 2023
CMPA0560008S WOLFSPEED-CMPA0560008S Datasheet
859Kb / 17P
0.5 – 6 GHz, 10 W GaN HPA
Rev. 0.1 May 2023
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
CMPA1842040B WOLFSPEED-CMPA1842040B Datasheet
829Kb / 20P
1.8 – 4.2 GHz, 45 W GaN HPA
Rev. 0.1 October 2022
CMPA1842040F WOLFSPEED-CMPA1842040F Datasheet
808Kb / 18P
1.8 – 4.2 GHz, 45 W GaN HPA
Rev. 0.0 October 2022
CMPA1D1J001S WOLFSPEED-CMPA1D1J001S Datasheet
912Kb / 18P
12.7 – 18 GHz, 1 W GaN HPA
Rev. 0.0 February 2023
CMPA1H1J050F WOLFSPEED-CMPA1H1J050F Datasheet
1Mb / 18P
17.3 – 18.4 GHz, 60 W GaN HPA
Rev. 1.0 February 2023
CMPA5259050D1 WOLFSPEED-CMPA5259050D1 Datasheet
780Kb / 20P
5.0 – 5.9 GHz* , 60 W GaN HPA
Rev. 0.0 October 2022
CMPA601J025F WOLFSPEED-CMPA601J025F Datasheet
710Kb / 12P
6 – 18 GHz, 25 W GaN HPA
Rev. 0.0 November 2022
CMPA801B030D1 WOLFSPEED-CMPA801B030D1 Datasheet
2Mb / 20P
9 - 11 GHz, 40 W GaN HPA
Rev. 1.0, December 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com