Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPA601J025F Datasheet (PDF) - WOLFSPEED, INC.

CMPA601J025F Datasheet PDF - WOLFSPEED, INC.
Part # CMPA601J025F
Download  CMPA601J025F Download
File Size   710.8 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 6 – 18 GHz, 25 W GaN HPA

CMPA601J025F Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA601J025F Datasheet PDF - WOLFSPEED, INC.

Part # CMPA601J025F
Download  CMPA601J025F Click to download

File Size   710.8 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 6 – 18 GHz, 25 W GaN HPA

CMPA601J025F Datasheet (HTML) - WOLFSPEED, INC.


CMPA601J025F Product details

Description
Wolfspeed’s CMPA601J025F is a 25 W, MMIC HPA utilizing Wolfspeed’s high performance, 0.15um
GaN on SiC production process. The CMPA601J025F operates from 6 – 18 GHz and supports a
variety of end applications such as electronic warfare, test instrumentation, radar and general
amplification. The CMPA601J025F achieves 25 W of saturated output power with 20 dB of large
signal gain and 20% power-added efficiency under CW operation.
Packaged in a 15x15 mm bolt-down, flange package, the CMPA601J025F provides superior
broadband, RF performance and thermal management allowing customers to improve SWaP-C
benchmarks in their next-generation systems.
Features Applications
• Psat: 25 W
• PAE: 20 %
• LSG: 20 dB
• S21: 30 dB
• S11: -10 dB
• S22: -8 dB
• CW operation
Note: Features are typical performance across frequency under 25°C
operation. Please reference performance charts for additional
information.
• Electronic Warfare
• Test Instrumentation
• Radar
• Broadband Amplifiers




Similar Part No. - CMPA601J025F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA601J025D WOLFSPEED-CMPA601J025D Datasheet
1Mb / 13P
6.0 - 18.0 GHz, 25 W GaN HPPA
Rev. 3.0, August2021
More results


Similar Description - CMPA601J025F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV1A250F WOLFSPEED-CGHV1A250F Datasheet
1Mb / 17P
8.8 - 9.6 GHz, 300 W GaN HPA
Rev. 0.0 July 2023
CMPA0560008S WOLFSPEED-CMPA0560008S Datasheet
859Kb / 17P
0.5 – 6 GHz, 10 W GaN HPA
Rev. 0.1 May 2023
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
CMPA1842040B WOLFSPEED-CMPA1842040B Datasheet
829Kb / 20P
1.8 – 4.2 GHz, 45 W GaN HPA
Rev. 0.1 October 2022
CMPA1842040F WOLFSPEED-CMPA1842040F Datasheet
808Kb / 18P
1.8 – 4.2 GHz, 45 W GaN HPA
Rev. 0.0 October 2022
CMPA1D1J001S WOLFSPEED-CMPA1D1J001S Datasheet
912Kb / 18P
12.7 – 18 GHz, 1 W GaN HPA
Rev. 0.0 February 2023
CMPA1H1J050F WOLFSPEED-CMPA1H1J050F Datasheet
1Mb / 18P
17.3 – 18.4 GHz, 60 W GaN HPA
Rev. 1.0 February 2023
CMPA5259050D1 WOLFSPEED-CMPA5259050D1 Datasheet
780Kb / 20P
5.0 – 5.9 GHz* , 60 W GaN HPA
Rev. 0.0 October 2022
CMPA601C025D WOLFSPEED-CMPA601C025D Datasheet
2Mb / 20P
6 - 12 GHz, 40 W GaN HPA
Rev. 3.0, December2021
CMPA801B030D1 WOLFSPEED-CMPA801B030D1 Datasheet
2Mb / 20P
9 - 11 GHz, 40 W GaN HPA
Rev. 1.0, December 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com