Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPA601J025D Datasheet (PDF) - WOLFSPEED, INC.

CMPA601J025D Datasheet PDF - WOLFSPEED, INC.
Part # CMPA601J025D
Download  CMPA601J025D Download
File Size   1815.46 Kbytes
Page   13 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 6.0 - 18.0 GHz, 25 W GaN HPPA

CMPA601J025D Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA601J025D Datasheet PDF - WOLFSPEED, INC.

Part # CMPA601J025D
Download  CMPA601J025D Click to download

File Size   1815.46 Kbytes
Page   13 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 6.0 - 18.0 GHz, 25 W GaN HPPA

CMPA601J025D Datasheet (HTML) - WOLFSPEED, INC.


CMPA601J025D Product details

Description
Wolfspeed's CMPA601H025D is a 25 W, MMIC HPA utilizing Wolfspeed's high performance, 0.15um
GaN on SiC production process. The CMPA601J025D operates from 6 - 18 GHz and supports a
variety of end applications sucg as electronic warfare, test instrumentation, radar and general
amplification. The CMPA601J025D achieves 25 W of saturated output power with 20 dB of large
signal gain and 20% power-added efficiency under CW operation.
Features
• Psat: 25 W
• PAE: 20 %
• LSG: 20 dB
• S21: 30 dB
• S11: <11 dB
• S22 <7 dB
• CW operation
Applications
• Electronic Warfare
• Test lnstrumentation
• Radar
• Broadband Amplifiers




Similar Part No. - CMPA601J025D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA601J025F WOLFSPEED-CMPA601J025F Datasheet
710Kb / 12P
6 – 18 GHz, 25 W GaN HPA
Rev. 0.0 November 2022
More results


Similar Description - CMPA601J025D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV1J025D CREE-CGHV1J025D Datasheet
763Kb / 9P
25 W, 18.0 GHz, GaN HEMT Die
Rev 1.1
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 2.2
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.2
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.3
logo
WOLFSPEED, INC.
CGHV1J025D WOLFSPEED-CGHV1J025D Datasheet
1Mb / 10P
25 W, 18.0 GHz, GaN HEMT Die
Rev. 2.2, 2022-12-2
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com