Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPA601C025F Datasheet (PDF) - WOLFSPEED, INC.

CMPA601C025F Datasheet PDF - WOLFSPEED, INC.
Part # CMPA601C025F
Download  CMPA601C025F Download
File Size   1618.17 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier

CMPA601C025F Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA601C025F Datasheet PDF - WOLFSPEED, INC.

Part # CMPA601C025F
Download  CMPA601C025F Click to download

File Size   1618.17 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier

CMPA601C025F Datasheet (HTML) - WOLFSPEED, INC.


CMPA601C025F Product details

Description
The CMPA601C025F is a gallium nitride (GaN) High Electron Mobility
Transistor (HEMT) based monolithic microwave integrated circuit
(MMIC) on a Silicon Carbide (SiC) substrate, using a 0.25μm gate
length fabrication process. The semiconductor offers 25 Watts of
power from 6 to 12 GHz of instantaneous bandwidth. The GaN HEMT
MMIC is housed in a thermally-enhanced, 10-lead 25 mm x 9.9 mm
metal/ceramic flanged package. It offers high gain and superior
efficiency in a small footprint package at 50 ohms.
Features
• 34 dB Small Signal Gain
• 40 W Typical PSAT
• Operation up to 28 V
• High Breakdown Voltage
• High Temperature Operation
• Size 0.172 x 0.239 x 0.004 inches
Applications
• Jamming Amplifiers
• Test Equipment Amplifiers
• Broadband Amplifiers




Similar Part No. - CMPA601C025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 2.2
More results


Similar Description - CMPA601C025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 2.2
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.2
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.3
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA801B030F1 WOLFSPEED-CMPA801B030F1 Datasheet
1Mb / 16P
35 W, 8.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 0.0 February 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com