Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPA801B030F1 Datasheet (PDF) - WOLFSPEED, INC.

CMPA801B030F1 Datasheet PDF - WOLFSPEED, INC.
Part # CMPA801B030F1
Download  CMPA801B030F1 Download
File Size   1469.5 Kbytes
Page   16 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 35 W, 8.0 - 12.0 GHz, GaN MMIC, Power Amplifier

CMPA801B030F1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA801B030F1 Datasheet PDF - WOLFSPEED, INC.

Part # CMPA801B030F1
Download  CMPA801B030F1 Click to download

File Size   1469.5 Kbytes
Page   16 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 35 W, 8.0 - 12.0 GHz, GaN MMIC, Power Amplifier

CMPA801B030F1 Datasheet (HTML) - WOLFSPEED, INC.


CMPA801B030F1 Product details

Description
Cree’s CMPA801B030F1 is a packaged, 35 W HPA utilizing Cree’s high
performance, 0.15um GaN on SiC production process. The CMPA801B030F1
operates from 8-12 GHz and targets pulsed radar systems supporting both
defense and commercial applications. With 2 stages of gain, this high
performance amplifier provides 19 dB of large signal gain and 35% efficiency
to support lower system DC power requirements and simplify system thermal
management solutions. Packaged in a bolt-down, flange package, the
CMPA801B030F1 also supports superior thermal management to allow for
simplified system cooling requirements.
Features
• 35 W Typical PSAT
• >36% Typical Power Added Efficiency
• 19 dB Large Signal Gain
• High Temperature Operation
Note: Features are typical performance across
frequency under 25°C operation. Please reference
performance charts for additional details.
Applications
• Civil and Military Pulsed
Radar Amplifiers




Similar Part No. - CMPA801B030F1

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA801B030D1 WOLFSPEED-CMPA801B030D1 Datasheet
2Mb / 20P
9 - 11 GHz, 40 W GaN HPA
Rev. 1.0, December 2021
logo
Cree, Inc
CMPA801B030S CREE-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA801B030S WOLFSPEED-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15
More results


Similar Description - CMPA801B030F1

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA6011 HBH-HA6011_1 Datasheet
25Kb / 1P
8.0 - 12.0 GHz High Power Amplifier
logo
Cree, Inc
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 2.2
CMPA801B025D CREE-CMPA801B025D Datasheet
439Kb / 7P
25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
logo
WOLFSPEED, INC.
CMPA2060035D WOLFSPEED-CMPA2060035D Datasheet
400Kb / 8P
35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.1 April 2020
CMPA2060035F WOLFSPEED-CMPA2060035F Datasheet
1,021Kb / 10P
35 W, 2.0 - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA2060035F1 WOLFSPEED-CMPA2060035F1 Datasheet
1Mb / 17P
35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.2 September 2021
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
CMPA901A035F WOLFSPEED-CMPA901A035F Datasheet
1Mb / 22P
35 W, 9.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 0.4 April 2021
CMPA901A035F1 WOLFSPEED-CMPA901A035F1 Datasheet
1Mb / 15P
35 W, 9.0 - 10 GHz, GaN MMIC, Power Amplifier
Rev 0.0 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com