Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA184602FC-V1-R2 Datasheet (PDF) - WOLFSPEED, INC.

GTRA184602FC-V1-R2 Datasheet PDF - WOLFSPEED, INC.
Part # GTRA184602FC-V1-R2
Download  GTRA184602FC-V1-R2 Download
File Size   693.96 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz

GTRA184602FC-V1-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTRA184602FC-V1-R2 Datasheet PDF - WOLFSPEED, INC.

Part # GTRA184602FC-V1-R2
Download  GTRA184602FC-V1-R2 Click to download

File Size   693.96 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz

GTRA184602FC-V1-R2 Datasheet (HTML) - WOLFSPEED, INC.


GTRA184602FC-V1-R2 Product details

Description
The GTRA184602FC is a 460-watt (P3dB) GaN on SiC high electron
mobility transistor (HEMT) for use in multi-standard cellular
power amplifier applications. It features input matching, high
efficiency, and a thermally-enhanced package with earless flange.
Features
• GaN on SiC HEMT technology
• Input matched
• Asymmetric Doherty design
- Main: P3dB = 160 W Typ
- Peak: P3dB = 300 W Typ
• Typical pulsed CW performance: 48 V, 1845 MHz,
16µsec pulse width, 10% duty cycle
(Doherty configuration)
- Output Power: 460 W @ P3dB
- Efficiency: 62% @ POUT = 49 dBm
- Gain: 16 dB @ POUT = 49 dBm
• Capable of handling 10:1 VSWR @48 V, 80 W (CW)
output power
• Human Body Model Class 1A (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - GTRA184602FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA214602FC CREE-GTRA214602FC Datasheet
321Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT
logo
WOLFSPEED, INC.
GTRA214602FC WOLFSPEED-GTRA214602FC Datasheet
522Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz
Rev. 02.1, 2022-1-27
GTRA214602FC-V1 WOLFSPEED-GTRA214602FC-V1 Datasheet
522Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz
Rev. 02.1, 2022-1-27
GTRA214602FC-V1-R0 WOLFSPEED-GTRA214602FC-V1-R0 Datasheet
522Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz
Rev. 02.1, 2022-1-27
GTRA214602FC-V1-R2 WOLFSPEED-GTRA214602FC-V1-R2 Datasheet
522Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz
Rev. 02.1, 2022-1-27
More results


Similar Description - GTRA184602FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA364002FC CREE-GTRA364002FC Datasheet
279Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 ??3600 MHz
GTVA220701FA CREE-GTVA220701FA Datasheet
581Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 ??2170 MHz
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTVA261802FC CREE-GTVA261802FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTVA220701FA_V1 WOLFSPEED-GTVA220701FA_V1 Datasheet
736Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 – 2170 MHz
Rev. 05.1, 2022-1-27
GTRA262802FC WOLFSPEED-GTRA262802FC Datasheet
515Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 – 2690 MHz
Rev. 03.3, 2022-1-27
GTVA212701FA WOLFSPEED-GTVA212701FA Datasheet
566Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 – 2200 MHz
Rev. 04.2, 2022-1-27
GTVA220701FA WOLFSPEED-GTVA220701FA Datasheet
736Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 – 2170 MHz
Rev. 05.1, 2022-1-27
GTVA261802FC WOLFSPEED-GTVA261802FC Datasheet
536Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
Rev. 02.1, 2022-1-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com