Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA214602FC-V1-R2 Datasheet (PDF) - WOLFSPEED, INC.

GTRA214602FC-V1-R2 Datasheet PDF - WOLFSPEED, INC.
Part # GTRA214602FC-V1-R2
Download  GTRA214602FC-V1-R2 Download
File Size   522.63 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz

GTRA214602FC-V1-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTRA214602FC-V1-R2 Datasheet PDF - WOLFSPEED, INC.

Part # GTRA214602FC-V1-R2
Download  GTRA214602FC-V1-R2 Click to download

File Size   522.63 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz

GTRA214602FC-V1-R2 Datasheet (HTML) - WOLFSPEED, INC.


GTRA214602FC-V1-R2 Product details

Description
The GTRA214602FC is a 490-watt (P3dB) GaN on SiC high
electron mobility transistor (HEMT) designed for use in
multi-standard cellular power amplifier applications. It
features input matching, high efficiency, and a thermallyenhanced package with earless flange.
Features
• GaN on SiC HEMT technology
• Input matched
• Asymmetric Doherty design
- Main: P3dB = 170 W Typ
- Peak: P3dB = 350 W Typ
• Typical pulsed CW performance: 16 µs pulse width,
10% duty cycle, 2140 MHz, 48 V, Doherty fixture
- Gain = 15 dB @ 49 dBm
- Efficiency = 60% @ 49 dBm
- Output power at P3dB = 490 W
• Human Body Model Class 1B (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - GTRA214602FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA214602FC CREE-GTRA214602FC Datasheet
321Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT
More results


Similar Description - GTRA214602FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTVA220701FA CREE-GTVA220701FA Datasheet
581Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 ??2170 MHz
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTVA212701FA CREE-GTVA212701FA Datasheet
434Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 ??2200 MHz
GTVA261802FC CREE-GTVA261802FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTVA220701FA_V1 WOLFSPEED-GTVA220701FA_V1 Datasheet
736Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 – 2170 MHz
Rev. 05.1, 2022-1-27
GTRA262802FC WOLFSPEED-GTRA262802FC Datasheet
515Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 – 2690 MHz
Rev. 03.3, 2022-1-27
GTVA212701FA WOLFSPEED-GTVA212701FA Datasheet
566Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 – 2200 MHz
Rev. 04.2, 2022-1-27
GTVA220701FA WOLFSPEED-GTVA220701FA Datasheet
736Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 – 2170 MHz
Rev. 05.1, 2022-1-27
GTVA261802FC WOLFSPEED-GTVA261802FC Datasheet
536Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
Rev. 02.1, 2022-1-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com