Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA214602FC-V1-R2 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # GTRA214602FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA214602FC-V1-R2 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  GTRA214602FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 02.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
GTRA214602FC
Package Types: H-37248C-4
PN: GTRA214602FC
Features
• GaN on SiC HEMT technology
• Input matched
• Asymmetric Doherty design
- Main: P3dB = 170 W Typ
- Peak: P3dB = 350 W Typ
• Typical pulsed CW performance: 16 µs pulse width,
10% duty cycle, 2140 MHz, 48 V, Doherty fixture
- Gain = 15 dB @ 49 dBm
- Efficiency = 60% @ 49 dBm
- Output power at P3dB = 490 W
• Human Body Model Class 1B (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF GaN on SiC HEMT
490 W, 48 V, 2110 – 2170 MHz
Description
The GTRA214602FC is a 490-watt (P
3dB) GaN on SiC high
electron mobility transistor (HEMT) designed for use in
multi-standard cellular power amplifier applications. It
features input matching, high efficiency, and a thermally-
enhanced package with earless flange.
Target RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
V
DD = 48 V, IDQ = 150 mA, VGS(PEAK) = –5.5 V, POUT = 80 W avg, ƒ = 2170 MHz
3GPP signal, channel bandwidth = 3.84 MHz, peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gain
G
ps
13
14.4
—
dB
Drain Efficiency
h
D
56
59
—
%
Adjacent Channel Power Ratio
ACPR
—
–30
–27
dBc
Output PAR @ 0.01% CCDF
OPAR
7.1
8.2
—
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-80
-60
-40
-20
0
20
40
60
80
0
5
10
15
20
25
30
35
40
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ = 150 mA, ƒ = 2170 MHz,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
g214602f c- gr 1a


Similar Part No. - GTRA214602FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA214602FC CREE-GTRA214602FC Datasheet
321Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT
More results

Similar Description - GTRA214602FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTVA220701FA CREE-GTVA220701FA Datasheet
581Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 ??2170 MHz
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTVA212701FA CREE-GTVA212701FA Datasheet
434Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 ??2200 MHz
GTVA261802FC CREE-GTVA261802FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTVA220701FA_V1 WOLFSPEED-GTVA220701FA_V1 Datasheet
736Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 – 2170 MHz
Rev. 05.1, 2022-1-27
GTRA262802FC WOLFSPEED-GTRA262802FC Datasheet
515Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 – 2690 MHz
Rev. 03.3, 2022-1-27
GTVA212701FA WOLFSPEED-GTVA212701FA Datasheet
566Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 – 2200 MHz
Rev. 04.2, 2022-1-27
GTVA220701FA WOLFSPEED-GTVA220701FA Datasheet
736Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 – 2170 MHz
Rev. 05.1, 2022-1-27
GTVA261802FC WOLFSPEED-GTVA261802FC Datasheet
536Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
Rev. 02.1, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com