Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA214602FC-V1-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTRA214602FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA214602FC-V1-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTRA214602FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GTRA214602FC
5
Rev. 02.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Evaluation Board, 2110 – 2170 MHz
Test Fixture Part Number
LTA/GTRA214602FC-V1
PCB Information
Rogers 4350, 0.762 mm [0.030”] thick, 2 oz. copper, ε
r = 3.66
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
C103
C108
C201
C210
C209
C211
RF_IN
RF_OUT
V GG
V GG
V DD
V DD
g t r a 21 4 6 0 2 f c _ C D _ 2 0 2 0 - 0 9 - 2 1 _ b n
GTRA214602FC_OUT_01
GTRA214602FC_IN_01
RO4350, 30 MIL
RO4350, 30 MIL
C213 C214
C215
C208
C206 C207
C202
C205
C204
C203
C106
C101
C104
C107
R102
C105
C109
R101
C102
R103
U1
C212
Reference circuit assembly diagram (not to scale)
Bias Sequencing
Bias ON
1. Ensure RF is turned off
2. Apply pinch-off voltage of –5 V to the gate
3. Apply nominal drain voltage
4. Bias gate to desired quiescent drain current
5. Apply RF
Bias OFF
1. Turn RF off
2. Apply pinch-off voltage of to the gate
3. Turn off drain voltage
4. Turn off gate voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com